| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6624P0LP bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 100 page ![]() VS6624 Data synchronization methods Rev 1 27/100 Figure 11. ITU656 frame structure with even codes The synchronization codes for odd and even frames are listed in Table 3 and Table 4. By default all frames output from the VS6624 are EVEN. It is possible to set all frames to be ODD or to alternate between ODD and EVEN using the SyncCodeSetup register in the Output formatter control register bank. Table 3. ITU656 embedded synchronization code definition (even frames) Name Description 4-byte sequence SAV Line start - active FF 00 00 80 EAV Line end - active FF 00 00 9D SAV (blanking) Line start - blanking FF 00 00 AB EAV (blanking) Line end - blanking FF 00 00 B6 Table 4. ITU656 embedded synchronization code definition (odd frames) Name Description 4-byte sequence SAV Line start - active FF 00 00 C7 EAV Line end - active FF 00 00 DA SAV (blanking) Line start - blanking FF 00 00 EC EAV (blanking) Line end - blanking FF 00 00 F1 EAV SAV Frame of image data Line 1 Line 480 Frame blanking period 9D 80 EAV B6 SAV AB |