| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6624P0LP bảng dữ liệu(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP bảng dữ liệu(HTML) 65 Page - STMicroelectronics |
|
65 / 100 page ![]() VS6624 Register map Rev 1 65/100 0x11b4 fFreezeAutoExposure Default value <0> FALSE Purpose Freeze auto exposure Type Flag_e possible values <0> FALSE <1> TRUE 0x11b7 (MSByte) 0x11b8 (LSByte) fpUserMaximumIntegrationTime Default value 0x647f (654336) Purpose User Maximum Integration Time in microseconds. This control takes in the maximum integration time that host would like to support. This would in turn give an idea of the degree of “wobbly pencil effect” acceptable to Host. Type FLOAT 0x11bb (MSByte) 0x11bc (LSByte) fpRecommendFlashGunAnalogGainThreshold Default value 0x4200 (4) Purpose Recommend flash gun analog gain threshold value Type FLOAT 0x11c0 bAntiFlickerMode Default value <0> AntiFlickerMode_Inhibit Purpose Anti flicker mode Type CODED Possible values <0> AntiFlickerMode_Inhibit <1> AntiFlickerMode_ManualEnable <2>AntiFlickerMode_AutomaticEnable 1. Can be controlled in all stable states Table 23. Exposure controls Index ExposureControls(1) |