| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6624P0LP bảng dữ liệu(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP bảng dữ liệu(HTML) 66 Page - STMicroelectronics |
|
66 / 100 page ![]() Register map VS6624 66/100 Rev 1 White balance control Table 24. White balance control parameters Index WBControlParameters(1) 0x1480 bMode Default value <1> AUTOMATIC Purpose For setting Mode of the white balance Type CODED possible values <0> OFF - No White balance, all gains will be unity in this mode <1> AUTOMATIC - Automatic mode, relative step is computed here <3> MANUAL_RGB - User manual mode, gains are applied manually <4> DAYLIGHT_PRESET - DAYLIGHT and all the modes below, fixed value of gains are applied here. <5> TUNGSTEN_PRESET <6> FLUORESCENT_PRESET <7> HORIZON_PRESET <8> MANUAL_COLOUR_TEMP <9> FLASHGUN_PRESET 0x1482 bManualRedGain Default value 0x00 Purpose User setting for Red Channel gain Type BYTE 0x1484 bManualGreenGain Default value 0x00 Purpose User setting for Green Channel gain Type BYTE 0x1486 bManualBlueGain Default value 0x00 Purpose User setting for Blue Channel gain Type BYTE 0x148b (MSByte) 0x148c (LSByte) fpFlashRedGain Default value 0x3e80 (1.250) Purpose RedGain For FlashGun Type FLOAT 0x148f (MSByte) 0x1490 (LSByte) fpFlashGreenGain Default value 0x3e00 (1.000) Purpose Green Gain For FlashGun Type FLOAT |