| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV82X8 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV82X8 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 157 page ![]() 17/157 STV82x8 General Description Figure 8: STV8288 Typical Application (Digital TV: Multi-Channel and Virtual Sound) Figure 9: STV8218 Typical Application (DVD & HDD Recorders) or Tuner STV8288 Demodulation Audio Processing - Volume, Balance, 5-Band Equalizer Left Right I²S - BTSC stereo & SAP - Dolby ® Pro Logic II® - ST OmniSurround R SubW L C LS RS - 5.1 Analog Outputs - SRS ® TruSurround XT™ - Virtual Dolby ® Surround1 Multi-Channel Digital Decoder (Dolby ® Digital) 1. When using VDS with ST OmniSurround or SRS TruSurround XTTM, an optional internal Pro Logic ® decoder is mandatory. 2. When using VDD with ST OmniSurround or SRS TruSurround XTTM, an external Dolby ® Digital decoder is mandatory. 4 x SCART (TQFP100) S/PDIF Output & Pass-thru - Virtual Dolby ® Digital2 Shared with surround LS/RS or Tuner STV8218 Demodulation Left Right - BTSC stereo & SAP A/V Codec I²S (Digital Recorder) 4 x SCART (TQFP100) - Volume, Balance, 5-Band Equalizer - ST OmniSurround |