| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV82X8 bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV82X8 bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 157 page ![]() 9/157 STV82x8 General Description Table 1: STV82x8 Version List (TQFP 80) S T V 8 2 1 8 S T V 8 2 3 8 STV8248 STV8258 STV8268 STV8278 STV8288 S T V 8 2 4 8 D S T V 8 2 4 8 D S X S T V 8 2 5 8 D S T V 8 2 5 8 D S X S T V 8 2 6 8 D S T V 8 2 6 8 D S X S T V 8 2 7 8 D S T V 8 2 7 8 D S X S T V 8 2 8 8 D S T V 8 2 8 8 D S X Multi-Channel Capabilities I²S data input number 11 11 33 11 33 33 Analog loudspeakers output number 2.1 2.1 2.1 2.1 2.1 2.1 5.1 5.1 5.1 5.1 5.1 5.1 Embedded SRS ® and Dolby® algorithms Dolby ® Pro Logic ® (DPLI) or Dolby ® Pro Logic II® (DPLII) DPLI DPLI DPLI DPLI DPLI DPLI DPLI DPLI DPLII DPLII SRS ® WOW™ (WOW) or SRS ® TruSurround XT™ (XT) WOW XTXTXTXTXT General Capabilities S/PDIF Pass-thru X XXX XX XX XX XX BTSC & SAP / Mono FM Demodulation X XXX XX XX XX XX ST OmniSurround1, ST WideSurround 1. When using Virtual Dolby ® Digital or Virtual Dolby® Surround with ST OmniSurround or SRS® TruSurround XT ™ a Dolby® Digital or a Pro Logic ® (or Pro Logic II®) decoder is mandatory respectively X XXX XX XX XX XX ST Voice, ST Dynamic Bass, ST Bass Enhancer X XXX XX XX XX XX Dolby ® Pro Logic ® (DPLI) or Dolby ® Pro Logic II® (DPLII) 5.1 output DPLI DPLI DPLI DPLI DPLII DPLII Dolby ® Digital Bypass 5.1 output2 2. Dolby ® Digital Bypass capability or Virtual Dolby® Digital are obtained with the use of an external Dolby® Digital decoder (for example STD2000). XX XX Virtual Dolby ® Surround XX XX XX XX XX Virtual Dolby ® Digital capability2 XX XX XX |