| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV82X8 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV82X8 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 157 page ![]() General Description STV82x8 16/157 Figure 6: STV8248 Typical Application (Analog Virtual Sound) Figure 7: STV8258 Typical Application (Digital: Virtual Sound) or Tuner STV8248 Demodulation Sound Processing - Volume, Balance, 5-Band Equalizer Left Right - BTSC stereo & SAP - SRS ® TruSurround XT™ R SubW L - Virtual Dolby ® Surround1 - ST OmniSurround 1. When using VDS with ST OmniSurround or SRS TruSurround XTTM, an optional internal Pro Logic ® decoder is mandatory. I²S In and Out (TQFP100) I²S In or Out (TQFP80) 4 x SCART (TQFP100) 4 x SCART (TQFP100) S/PDIF Output & Pass-thru or Tuner STV8258 Demodulation Audio Processing - Volume, Balance, 5-Band Equalizer - SRS ® TruSurround XT™ - Virtual Dolby ® Surround1 Multi-Channel Digital Decoder Left Right I²S - BTSC stereo & SAP S/PDIF - Virtual Dolby ® Digital2 R SubW L (Dolby ® Digital) - ST OmniSurround 1. When using VDS with ST OmniSurround or SRS TruSurround XTTM, an optional internal Pro Logic ® decoder is mandatory. 2. When using VDD with ST OmniSurround or SRS TruSurround XTTM, an external Dolby ® Digital decoder is mandatory. Output & Pass-thru 4 x SCART (TQFP100) |