| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACE25AA320GFMLTH bảng dữ liệu(PDF) 19 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE25AA320GFMLTH bảng dữ liệu(HTML) 19 Page - ACE Technology Co., LTD. |
|
19 / 67 page ![]() ACE25AA320G Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase VER 1.2 19 Write Status Register (WRSR) (01H) The Write Status Register (WRSR) command allows new values to be written to the Status Register. Before it can be accepted, a Write Enable (WREN) command must previously have been executed. After the Write Enable (WREN) command has been decoded and executed, the device sets the Write Enable Latch (WEL). The Write Status Register (WRSR) command has no effect on S15, S13, S12, S11, S1 and S0 of the Status Register. CS# must be driven high after the eighth bit of the data byte has been latched in. If not, the Write Status Register (WRSR) command is not executed. If CS# is driven high after eighth bit of the data byte, the CMP and QE bit will be cleared to 0. Figure4. Read Status Register Sequence Diagram Figure4a. Read Status Register Sequence Diagram (QPI) |