| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
K32L2AX bảng dữ liệu(PDF) 77 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
K32L2AX bảng dữ liệu(HTML) 77 Page - NXP Semiconductors |
|
77 / 96 page ![]() EMVSIMn_PD EMVSIMn_RST EMVSIMn_CLK EMVSIMn_IO EMVSIMn_VCCEN SI7 SI8 SI9 SI10 Figure 21. Smart Card Interface Power Down AC Timing Table 46. Timing Requirements for Power-down Sequence Ref No Parameter Symbol Min Max Units SI7 EMVSIM reset to SIM clock stop Srst2clk 0.9 × 1/ Frtcclk1 1.1 × 1/Frtcclk μs SI8 EMVSIM reset to SIM Tx data low Srst2dat 1.8 × 1/ Frtcclk 2.2 × 1/Frtcclk μs SI9 EMVSIM reset to SIM voltage enable low Srst2ven 2.7 × 1/ Frtcclk 3.3 × 1/Frtcclk μs SI10 EMVSIM presence detect to SIM reset low Spd2rst 0.9 × 1/ Frtcclk 1.1 × 1/Frtcclk μs 1. Frtcclk is OSC32KCLK, and this clock must be enabled during the power down sequence. NOTE Same timing is also followed when auto power down is initiated. See Reference Manual for reference. Peripheral operating requirements and behaviors K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021 77 NXP Semiconductors |