| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FUSB308B bảng dữ liệu(PDF) 14 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FUSB308B bảng dữ liệu(HTML) 14 Page - ON Semiconductor |
|
14 / 53 page ![]() FUSB308B www.onsemi.com 14 Figure 12. Transition to High Voltage using SRC Controlled Path VBUS Accepted High Voltage Policy Engine requests for VBUS transition to high voltage Read ALERT ALERT.I_VALARM_HI=1b? Enable Monitoring of VBUS SRC = High Monitor VALARMHCFG Service other ALERTS No FUSB30x TCPM Read ALERT Sourcing vSafe5V PWRSTAT.SOURCE_VBUS=1b PWRSTAT.SOURCE_HV=0b (if 307/8) SRC = High Yes Enable Monitoring of VBUS Write: PWRCTRL.AUTO_DISCH=0b PWRCTRL.DIS_VALARM=0b VALARMHCFG = vNewSrc (Min) Set ALERTL.I_VBUS_ALARM_HI Transition HV Source Enable external source path or transition existing Source to HV VALARMH Trip? Y No Notify Policy Engine that voltage transition is complete Setup FUSB305 for HV Sourcing Write: VALARML/HCFG PWRCTRL.AUTO_DISCH=1b Sourcing HV via SRC Transition to HV using SRC enabled Path NOTE: Transitioning from HV on SRC to vSafe5v also on SRC can be done by using Voltage Alarm Low. Power supply is responsible for transitioning voltages to meet USB PD spec− no discharge necessary. |