| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FUSB308B bảng dữ liệu(PDF) 9 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FUSB308B bảng dữ liệu(HTML) 9 Page - ON Semiconductor |
|
9 / 53 page ![]() FUSB308B www.onsemi.com 9 Figure 7. Transmit State Machine TRANSMIT[2:0] < 101b written Message sent to PHY CRCReceiveTimer Timeout GoodCRC response from PHY layer (RXHEADH[3:1] != TXHEADH[3:1] (MessageID mismatch) | TRANSMIT[2:0] != RXSTAT[2:0] (SOP mismatch) ) RetryCounter > NRETRIES GoodCRC with MessageID and SOP match PRL_Tx_Check_RetryCounter Actions on entry: If DFP or UFP,Increment and check RetryCounter PRL_Tx_Transmission_Error Actions on entry: Set ALERTL.I_TXFAIL interrupt PRL_Tx_Construct_Message Actions on entry: Pass TXBYTECNT bytes from TXHEADL and TXHEADH and TXDATA to PHY PRL_Tx_Wait_for_PHY_response Actions on entry: Initialize and run CRCReceiveTimer PRL_Tx_Match_MessageID Actions on entry: Match Extracted MessageID and response MessageID PRL_Tx_Message_Sent Actions on entry: Set ALERTL.I_TXSUCC PRL_Tx_Wait_for_ Message_Request Actions on entry: Reset RetryCounter. ProtocolTransmit (Collision detected and now bus idle) I_TX_MSG_DISC && bus idle RetryCounter ≤ NRETRIES Protocol Layer message reception in PRL_Rx_Message_Discard state 4. The CRCReceiveTimer is only started after the FUSB305 has sent the message. If the message is not sent due to a busy channel then the CRCReceiveTimer will not be started. 5. This Indication is sent by the PHY layer when a message has been discarded due to CC being busy, and after CC becomes idle again. The CRCReceiveTimer is not running in this case since no message has been sent. (Note 5) (Note 4) |