| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FUSB308B bảng dữ liệu(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FUSB308B bảng dữ liệu(HTML) 13 Page - ON Semiconductor |
|
13 / 53 page ![]() FUSB308B www.onsemi.com 13 Figure 11. Transition to vSafe5V from SRC_HV Controlled Path (FUSB308B) Accepted Default Voltage Policy Engine requests for VBUS transition to default vSafe5V Read ALERT ALERT.I_PORT_PWR=1b? Enable vSafe5V Voltage Path SRC = High SRC_HV = Low Apply Rforce_disch to VBUS Service other ALERTS No FUSB308B TCPM Read ALERT Read PWRSTAT Sourcing High Voltage on VBUS PWRSTAT.SOURCE_VBUS=0b PWRSTAT.SOURCE_HV=1b SRC = Low SRC_HV = High Yes Prepare FUSB307/8 for HV Transition Write: PWRCTRL.DIS_VALARM=1b PWRCTRL.AUTO_DISCH=0b VBUS_STOP_DISCH = vSafe5V (max) Voltage Transition Complete Set PWRSTAT.SOURCE_HV =0b Set PWRSAT.SOURCE_VBUS=1b Set ALERT.I_PORT_PWR = 1b Initiate Transition Write: COMMAND.SourceVbusDefaultVoltage PWRCTRL.FORCE_DISCH=1b VBUS_STOP_DISCH Done Y No Sourcing vSafe5V Notify Policy Engine that voltage transition is complete Transition to vSafe5V using SRC_HV Path The TCPM Shall Not disable FORCE_DISCH during transition Configure Device for vSafe5v PWRCTRL.AUTO_DISCH=1b Write VALARMCFG |