| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9963E bảng dữ liệu(PDF) 129 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963E bảng dữ liệu(HTML) 129 Page - STMicroelectronics |
|
129 / 184 page ![]() Figure 27. Grounds collection node ESD strikes at system level can damage both L9963E and analog front end components. In order to provide an effective protection, charge released upon strike must be properly deviated towards the GND_ESD . This is achieved by proper grounding of the ESD capacitors to such a dedicated ground plane, which is then joined with the other grounds at the PCB connector to PACK_GND, regardless of the hotplug protection implementation. In fact, the ESD strike must bypass MHOT in order not to damage it. L9963E Layout recommendations DS13636 - Rev 4 page 129/184 |