| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9963E bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963E bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 184 page ![]() Symbol Parameter Test conditions Min. Typ. Max. Unit For terminals ISOHP/M, and ISOLP/M iso_freq_sel = 11 FISO_SLOW Isolated Communication Rate Low frequency communication Application info For terminals ISOHP/M, and ISOLP/M iso_freq_sel = 00 333.3 Kbps TANSWER_DELAY_FAST Delay between receival of a command and generation of the answer High speed mode Guarantee by SCAN iso_freq_sel = 11 4.5 μs TANSWER_DELAY_SLOW Delay between receival of a command and generation of the answer Low speed mode Guarantee by SCAN iso_freq_sel = 00 9 μs L9963E Serial communication interface DS13636 - Rev 4 page 26/184 |