| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9963E bảng dữ liệu(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963E bảng dữ liệu(HTML) 82 Page - STMicroelectronics |
|
82 / 184 page ![]() Category Diagnostic name Condition Available in Availability type Actions SPI related fields name SPI related fields descriptio n Coulomb Counter CSA Open VISENSEP > VISENSEP_O PEN_TH for t > TCURR_SEN SE_OPEN_FI LTER OR VISENSEM > VISENSEM_ OPEN_TH for t > TCURR_SEN SE_OPEN_FI LTER Normal, Cyclic Wakeup Always ON •Set Latch •Raise FAULTL sense_plus _open Fault Latch Y E S CoulombCo unter_en = 0 sense_min us_open Fault Latch Coulomb Counter OC Sleep ISENSE > ICURR_SENS E_OC_SLEEP Cyclic Wakeup Always ON in the duty phase •Set Latch •Raise FAULTL curr_sense _ovc_sleep Fault Latch Y E S CoulombCo unter_en = 0 OR ovc_sleep_ msk = 1 CUR_INST _calib Measureme nt Result adc_ovc_c urr_thresho ld_sleep OC Threshold Coulomb Counter OC Normal ISENSE > ICURR_SENS E_OC_NORM Normal Always ON •Set Latch •Raise FAULTL curr_sense _ovc_norm Fault Latch Y E S CoulombCo unter_en = 0 OR ovc_norm_ msk = 1 CUR_INST _calib Measureme nt Result adc_ovc_c urr_thresho ld_norm OC Threshold Coulomb Counter Sample Counter or Accumulator Overflow CoulombC ntTime overflows OR CoulombC ounter_ms b overflows Normal Always ON •Set Latch •Raise FAULTL CoCouOvF Fault Latch N O BIST Bandgap Monitor Fail One Bandgap Reference shifts too much in respect to the other Normal, Cyclic Wakeup Always ON •POR N O BIST EEPROM Checksum Failure An unwanted change in EEPROM data occurred Trimming, Normal Upon EEPROM Download •Set Latch •Stop balance on whole stack EEPROM_ CRC_ERR _SECT_0 Fault Latch Y E S EEPROM_ CRC_ERR MSK_SEC T_0 = 1 EEPROM_ CRC_ERR _CAL_RAM Fault Latch L9963E Safety and diagnostic features DS13636 - Rev 4 page 82/184 |