công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9963E bảng dữ liệu(PDF) 92 Page - STMicroelectronics

tên linh kiện L9963E
Giải thích chi tiết về linh kiện  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E bảng dữ liệu(HTML) 92 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 88Page - STMicroelectronics L9963E Datasheet HTML 89Page - STMicroelectronics L9963E Datasheet HTML 90Page - STMicroelectronics L9963E Datasheet HTML 91Page - STMicroelectronics L9963E Datasheet HTML 92Page - STMicroelectronics L9963E Datasheet HTML 93Page - STMicroelectronics L9963E Datasheet HTML 94Page - STMicroelectronics L9963E Datasheet HTML 95Page - STMicroelectronics L9963E Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 184 page
background image
Table 60. Failure validation table
Failure type
What to check for
validation
Reason
Cell UV/OV
Sum of cells
Is the sum of cells coherent with a cell UV/OV failure?
Balance UV
If a cell UV is detected, then also balance UV should be flagged
Cx Open
Not measuring actual cell voltage
Balance open
PCB connector to a cell might have been lost
HWSC
Is measurement reliable?
Sum of cells UV/OV
VBAT direct conversion
Is the VBAT direct conversion close to the sum of cells?
Cell UV/OV
Is there at least one cell in UV/OV condition?
Cx Open
Not measuring actual cell voltage
HWSC
Is measurement reliable?
Balance UV
Cell UV
If a Cell UV is flagged, then it’s much worse than simple balance UV
Cx Open
Not measuring actual cell voltage
Balance open
PCB connector to cell might have been lost
HWSC
Is measurement reliable?
VBAT UV/OV
Cell UV/OV
If no cell is UV/OV, then it’s not plausible
Sum of Cells
Does the sum of cells confirm the UV/OV event?
VBAT direct conversion
and monitor
Is the conversion value actually reporting an OV/UV? Or is it just a transient
OV/UV (as per VDA)?
Cx Open
Summing wrong Cx contributions
HWSC
Is measurement reliable?
GPIO UT/OT
GPIO open
Not measuring actual load voltage
HWSC
Is measurement reliable?
VTREF
Is the VTREF regulator working properly?
Fast Charge OT
GPIO open
Not measuring actual load voltage
HWSC
Is measurement reliable?
VTREF
Is the VTREF regulator working properly?
Cell open
HWSC
Is measurement reliable?
GPIO open
GPIO UT/OT
If connection to the external NTC is lost at the PCB connector, the GPIO will
be pulled up to VTREF, thus causing GPIO UT detection. On the other hand,
if the connection is lost at the device pin, the GPIO open internal diagnostic
circuitry will detect it.
HWSC
Is measurement reliable?
VTREF
Is the VTREF regulator working properly?
Balance open
HWSC
Comparators must have correctly flagged open
PCB Connector open Balance open
In case PCB connector to CELLx is open, then BALx and BALx+1 open
failures will be flagged
HWSC
VREG UV/OV
BIST may have failed because supply is not in range. Checking VBAT and
UV/OV comparators functionality is recommended.
VBAT UV/OV
L9963E
Voltage conversion routine
DS13636 - Rev 4
page 92/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More