| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9963E bảng dữ liệu(PDF) 127 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963E bảng dữ liệu(HTML) 127 Page - STMicroelectronics |
|
127 / 184 page ![]() Register Name Field name Description NVM_RD_47_32 RO 0 16 0x0 B Read buffer for NVM sector 32_47 NVM_RD_4 0x57 Noreg17 RO 17 1 0x0 X Noreg16 RO 16 1 0x0 X NVM_RD_63_48 RO 0 16 0x0 B Read buffer for NVM sector 48_63 NVM_RD_5 0x58 Noreg17 RO 17 1 0x0 X Noreg16 RO 16 1 0x0 X NVM_RD_79_64 RO 0 16 0x0 B Read buffer for NVM sector 64_79 NVM_RD_6 0x59 Noreg17 RO 17 1 0x0 X Noreg16 RO 16 1 0x0 X NVM_RD_95_80 RO 0 16 0x0 B Read buffer for NVM sector 80_95 NVM_RD_7 0x5A Noreg17 RO 17 1 0x0 X Noreg16 RO 16 1 0x0 X NVM_RD_111_96 RO 0 16 0x0 B Read buffer for NVM sector 96_111 NVM_CMD_CNTR 0x5B Noreg17 RO 17 1 0x0 X Noreg16 RO 16 1 0x0 X Noreg15 RO 15 1 0x0 X Noreg14 RO 14 1 0x0 X Noreg13 RO 13 1 0x0 X Noreg12 RO 12 1 0x0 X NVM_WR_BUSY RO 11 1 0x0 B 0 → NVM controller not busy 1 → NVM controller busy NVM_OPER RW 9 2 0x0 B 00/01 → No Action 10 → Erase 11 → Write NVM_PROGRAM RW 8 1 0x0 B 0 → NVM controller not armed to execute operation defined by NVM_OPER 1 → NVM controller armed to execute operation defined by NVM_OPER NVM_CNTR RO 0 8 0x0 B Counts the number of write cycles executed See Table 52 NVM_UNLCK_PRG 0x5C NVM_UNLOCK_START WO 0 18 0x0 B L9963E Register map DS13636 - Rev 4 page 127/184 |