công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADPD105BCPZ bảng dữ liệu(PDF) 59 Page - Analog Devices

tên linh kiện ADPD105BCPZ
Giải thích chi tiết về linh kiện  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADPD105BCPZ bảng dữ liệu(HTML) 59 Page - Analog Devices

Back Button ADPD105BCPZ Datasheet HTML 55Page - Analog Devices ADPD105BCPZ Datasheet HTML 56Page - Analog Devices ADPD105BCPZ Datasheet HTML 57Page - Analog Devices ADPD105BCPZ Datasheet HTML 58Page - Analog Devices ADPD105BCPZ Datasheet HTML 59Page - Analog Devices ADPD105BCPZ Datasheet HTML 60Page - Analog Devices ADPD105BCPZ Datasheet HTML 61Page - Analog Devices ADPD105BCPZ Datasheet HTML 62Page - Analog Devices ADPD105BCPZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 59 of 66
SYSTEM REGISTERS
Table 33. System Registers
Address
Data
Bit
Default
Access
Name
Description
0x00
[15:8]
0x00
R/W
FIFO_SAMPLES
FIFO status. Number of available bytes to be read from the FIFO. When
comparing this to the FIFO length threshold (Register 0x06, Bits[13:8]),
note that the FIFO status value is in bytes and the FIFO length
threshold is in words, where one word = two bytes.
Write 1 to Bit 15 to clear the contents of the FIFO.
7
0x0
R/W
Reserved
Write 0x1 to clear this bit to 0x0.
6
0x0
R/W
SLOTB_INT
Time Slot B interrupt. Describes the type of interrupt event. A 1
indicates an interrupt of a particular event type has occurred. Write a 1
to clear the corresponding interrupt. After clearing, the register goes to
0. Writing a 0 to this register has no effect.
5
0x0
R/W
SLOTA_INT
Time Slot A interrupt. Describes the type of interrupt event. A 1 indicates
an interrupt of a particular event type has occurred. Write a 1 to clear
the corresponding interrupt. After clearing, the register goes to 0.
Writing a 0 to this register has no effect
[4:0]
0x00
R/W
Reserved
Write 0x1F to clear these bits to 0x00.
0x01
[15:9]
0x00
R/W
Reserved
Write 0x00.
8
0x1
R/W
FIFO_INT_MASK
Sends an interrupt when the FIFO data length has exceeded the FIFO
length threshold in Register 0x06, Bits[13:8]. A 0 enables the interrupt.
7
0x1
R/W
Reserved
Write 0x1.
6
0x1
R/W
SLOTB_INT_MASK
Sends an interrupt on the Time Slot B sample. Write a 1 to disable the
interrupt. Write a 0 to enable the interrupt.
5
0x1
R/W
SLOTA_INT_MASK
Sends an interrupt on the Time Slot A sample. Write a 1 to disable the
interrupt. Write a 0 to enable the interrupt.
[4:0]
0x1F
R/W
Reserved
Write 0x1F.
0x02
[15:10]
0x00
R/W
Reserved
Write 0x0000.
9
0x0
R/W
GPIO1_DRV
GPIO1 drive.
0: the GPIO1 pin is always driven.
1: the GPIO1 pin is driven when the interrupt is asserted; otherwise, it is
left floating and requires a pull-up or pull-down resistor, depending on
polarity (operates as open drain). Use this setting if multiple devices
must share the GPIO1 pin.
8
0x0
R/W
GPIO1_POL
GPIO1 polarity.
0: the GPIO1 pin is active high.
1: the GPIO1 pin is active low.
[7:3]
0x00
R/W
Reserved
Write 0x00
2
0x0
R/W
GPIO0_ENA
GPIO0 pin enable.
0: disable the GPIO0 pin. The GPIO0 pin floats, regardless of interrupt
status. The status register (Address 0x00) remains active.
1: enable the GPIO0 pin.
1
0x0
R/W
GPIO0_DRV
GPIO0 drive.
0: the GPIO0 pin is always driven.
1: the GPIO0 pin is driven when the interrupt is asserted; otherwise, it is
left floating and requires a pull-up or pull-down resistor, depending on
polarity (operates as open drain). Use this setting if multiple devices
must share the GPIO0 pin.
0
0x0
R/W
GPIO0_POL
GPIO0 polarity.
0: the GPIO0 pin is active high.
1: the GPIO0 pin is active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com