công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADPD105BCPZ bảng dữ liệu(PDF) 55 Page - Analog Devices

tên linh kiện ADPD105BCPZ
Giải thích chi tiết về linh kiện  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADPD105BCPZ bảng dữ liệu(HTML) 55 Page - Analog Devices

Back Button ADPD105BCPZ Datasheet HTML 51Page - Analog Devices ADPD105BCPZ Datasheet HTML 52Page - Analog Devices ADPD105BCPZ Datasheet HTML 53Page - Analog Devices ADPD105BCPZ Datasheet HTML 54Page - Analog Devices ADPD105BCPZ Datasheet HTML 55Page - Analog Devices ADPD105BCPZ Datasheet HTML 56Page - Analog Devices ADPD105BCPZ Datasheet HTML 57Page - Analog Devices ADPD105BCPZ Datasheet HTML 58Page - Analog Devices ADPD105BCPZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 55 of 66
Address
Data Bit
Default
Value
Access
Name
Description
0x3C
[15:14]
0x0
R/W
Reserved
Write 0x0.
[13:11]
0x6
R/W
Reserved
Write 0x6.
10
0x0
R/W
Reserved
Reserved.
9
0x0
R/W
V_CATHODE
0x0: 1.3 V (identical to anode voltage); recommended setting.
0x1: 1.8 V (reverse bias photodiode by 550 mV). This
setting may add noise.
[8:3]
0x00
R/W
AFE_POWERDOWN
AFE channels power-down select.
0x0: keeps all channels on.
Bit 3: power down Channel 1 TIA op amp.
Bit 4: power down Channel 1 BPF op amp.
Bit 5: power down Channel 1 integrator op amp.
Bit 6: power down Channel 2, Channel 3, and Channel 4
TIA op amp.
Bit 7: power down Channel 2, Channel 3, and Channel 4
BPF op amp.
Bit 8: power down Channel 2, Channel 3, and Channel 4
integrator op amp.
[2:0]
0x6
R/W
Reserved
Write 0x6.
0x54
15
0x0
R/W
SLOTB_SINGLE_CH_DIG_INT
0: in Time Slot B, use all four photodiode channels in
parallel for digital integration (default setting for highest
dynamic range).
1: in Time Slot B, use only Channel 1 for digital integration.
This limits connection to PD1 or PD5.
14
0x0
R/W
SLOTA_SINGLE_CH_DIG_INT
0: in Time Slot A, use all four photodiode channels in
parallel for digital integration (default setting for highest
dynamic range)
1: in Time Slot A, use only Channel 1 for digital integration.
This limits connection to PD1 or PD5.
[13:12]
0x0
R/W
SLEEP_V_CATHODE
If Bit 7 = 1; this setting is applied to the cathode voltage
while the device is in sleep mode. The anode voltage is
always set to the cathode voltage in sleep mode.
0x0: VDD (1.8 V).
0x1: 1.3 V.
0x2: 1.55 V.
0x3: 0.0 V.
[11:10]
0x0
R/W
SLOTB_V_CATHODE
If Bit 7 = 1; this setting is applied to the cathode voltage
while the device is in Time Slot B operation. The anode
voltage is always 1.3 V in Time Slot B mode.
0x0: VDD (1.8 V).
0x1: 1.3 V.
0x2: 1.55 V.
0x3: 0.0 V (this forward biases a diode at the input).
[9:8]
0x0
R/W
SLOTA_V_CATHODE
If Bit 7 = 1; this setting is applied to the cathode voltage
while the device is in Time Slot A operation. The anode
voltage is always 1.3 V in Time Slot A mode.
0x0: VDD (1.8 V).
0x1: 1.3 V.
0x2: 1.55 V.
0x3: 0.0 V (this forward biases a diode at the input).
7
0x0
R/W
REG54_VCAT_ENABLE
0: use the cathode voltage settings defined by Register 0x3C,
Bit 9.
1: override Register 0x3C, Bit 9 with cathode settings
defined by Register 0x54, Bits[13:8].
[6:0]
0x20
R/W
Reserved
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com