công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADPD105BCPZ bảng dữ liệu(PDF) 35 Page - Analog Devices

tên linh kiện ADPD105BCPZ
Giải thích chi tiết về linh kiện  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADPD105BCPZ bảng dữ liệu(HTML) 35 Page - Analog Devices

Back Button ADPD105BCPZ Datasheet HTML 31Page - Analog Devices ADPD105BCPZ Datasheet HTML 32Page - Analog Devices ADPD105BCPZ Datasheet HTML 33Page - Analog Devices ADPD105BCPZ Datasheet HTML 34Page - Analog Devices ADPD105BCPZ Datasheet HTML 35Page - Analog Devices ADPD105BCPZ Datasheet HTML 36Page - Analog Devices ADPD105BCPZ Datasheet HTML 37Page - Analog Devices ADPD105BCPZ Datasheet HTML 38Page - Analog Devices ADPD105BCPZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 35 of 66
Calibrating the 32 kHz Clock
Calibrating the 32 kHz clock also calibrates items associated
with the output data rate. Calibration of this clock is important
for applications where an accurate data rate is important, such
as heart rate measurements.
To calibrate the 32 kHz clock,
1.
Set the sampling frequency to the highest the system can
handle, such as 2000 Hz. Because the 32 kHz clock controls
sample timing, its frequency is readily accessible via the
GPIO0 pin. Configure the interrupt by writing the appropriate
value to the bits in Register 0x02 and set the interrupt to occur
at the sampling frequency by writing 0 to Register 0x01,
Bit 5 or Bit 6. Monitor the GPIO0 pin. The interrupt
frequency must match the set sample frequency.
2.
If the monitored interrupt frequency is less than the set
sampling frequency, increase the CLK32K_ADJUST bit
(Register 0x4B, Bits[5:0]). If the monitored interrupt
frequency is larger than the set sampling frequency,
decrease the CLK32K_ADJUST bits.
3.
Repeat Step b until the monitored interrupt signal
frequency is close enough to the set sampling frequency.
Calibrating the 32 MHz Clock
Calibrating the 32 MHz clock also calibrates items associated
with the fine timing within a sample period, such as LED pulse
width and spacing, assuming that the 32 kHz clock has been
calibrated.
To calibrate the 32 MHz clock,
1.
Write 0x1 to Register 0x5F, Bit 0.
2.
Enable the CLK_RATIO calculation by writing 0x1 to
Register 0x50, Bit 5. This function counts the number of
32 MHz clock cycles in two cycles of the 32 kHz clock.
With this function enabled, this cycle value is stored in
Register 0x0A, Bits[11:0] and nominally this ratio is 2000
(0x7D0).
3.
Calculate the 32 MHz clock error as follows:
Clock Error = 32 MHz × (1 − CLK_RATIO/2000)
4.
Adjust the frequency by setting Bits[7:0] in Register 0x4D
per the following equation:
CLK32M_ADJUST = Clock Error/109 kHz
5.
Write 0x0 to Register 0x50, Bit 5 to reset the CLK_RATIO
function.
Repeat Step 2 through Step 5 until the desired accuracy is
achieved.
Write 0x0 to Register 0x5F, Bit 0. Also, set the GPIO0 pin back
to the mode desired for normal operation.
OPTIONAL TIMING SIGNALS AVAILABLE ON
GPIO0 AND GPIO1
The ADPD105/ADPD106/ADPD107 provide a number of
different timing signals, available via the GPIO0 and GPIO1 pins,
to enable ease of system synchronization and flexible triggering
options. Each of the GPIOx pins can be configured as an open-
drain output if they are to share the bus with other drivers, or
they can be configured to always drive the bus. Both outputs
also have polarity control in situations where a timing signal
must be inverted from the default.
Table 23. GPIOx Control Settings
Pin Name
Register[Bits]
Setting Description
GPIO0
0x02[0]
0: polarity active high
1: polarity active low
0x02[1]
0: always drives the bus
1: drives the bus when asserted
0x02[2]
0: disables the GPIO0 pin drive
1: enables the GPIO0 pin drive
GPIO1
0x02[8]
0: polarity active high
1: polarity active low
0x02[9]
0: always drives the bus
1: drives the bus when asserted
0x4F[6]
0: disables the GPIO1 pin drive
1: enables the GPIO1 pin drive
The various available timing signals are controlled by the
settings in Register 0x0B. Bits[12:8] of this register control the
timing signals available on GPIO1, and Bits[4:0] control the
timing signals available on GPIO0. All of the timing signals
described in this data sheet are available on either (or both) of
the GPIO0 and GPIO1 pins. Timing diagrams are shown in
Figure 41 and Figure 42. The time slot settings used to generate
the timing diagrams are described in Table 24.
Table 24. ADPD105/ADPD106/ADPD107 Settings Used for
Timing Diagrams Shown in Figure 41 and Figure 42
Register
Setting
Description
0x31
0x0118
Time Slot A: 1 LED pulse
0x36
0x0418
Time Slot B: 4 LED pulses
0x15
0x0120
Time Slot A decimation = 4, Time Slot B
decimation = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com