công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SK645/50/SA bảng dữ liệu(PDF) 22 Page - ON Semiconductor

tên linh kiện SK645/50/SA
Giải thích chi tiết về linh kiện  Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SK645/50/SA bảng dữ liệu(HTML) 22 Page - ON Semiconductor

Back Button SK645/50/SA Datasheet HTML 18Page - ON Semiconductor SK645/50/SA Datasheet HTML 19Page - ON Semiconductor SK645/50/SA Datasheet HTML 20Page - ON Semiconductor SK645/50/SA Datasheet HTML 21Page - ON Semiconductor SK645/50/SA Datasheet HTML 22Page - ON Semiconductor SK645/50/SA Datasheet HTML 23Page - ON Semiconductor SK645/50/SA Datasheet HTML 24Page - ON Semiconductor SK645/50/SA Datasheet HTML 25Page - ON Semiconductor SK645/50/SA Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
SECO−MDK−4KW−65SPM31−GEVB
www.onsemi.com
22
DEVELOPMENT RESOURCES AND TOOLS
Collateral, development files and other development
resources
listed
below
are
available
at
SECO−MDK−4KW−MCTRL−GEVB. Table 4 presents bill
of materials (BOM) of the board. Figures 29−32 illustrate
the corresponding Altium output layers of the board.
• Schematics
• BOM (below as well)
• Manufacturing files
• PCB layout recommendations and files (below as well)
Evaluation board consist of 4.0 layers. Following figures
are showing all the layers. Board size is 160 x 130 mm.
Layout recommendations in AND9390/D have been
applied as well. Specifics about the current measurement
layout are detailed in Current Measurement and
Over−Current Protection
• Executable GUI
• Boot−image for booting from flash or SD card (on
delivery UCB is already flashed)
Bill of Materials
Table 4. BILL OF MATERIALS
Designator
Quantity
Value/Description
Manufacturer
Supplier Part Number
3.3 V, 5 V, 15 V
3
15 Vdc
Keystone Electronics
36−5008−ND
AUX_SW, DC_LINK,
FAULT, TEMP,
VCC_IPM
5
PTH testpoint eyelet
Keystone Electronics
36−5007−ND
C1
1
100 nF
Würth Electronik
732−7989−2−ND
C2
1
10 mF
Würth Electronik
732−8503−1−ND
C3
1
330 nF
Würth Electronik
732−7676−1−ND
C4
1
100 nF
Würth Electronik
732−5748−ND
C5
1
10 mF
Rubycon
1831326
C6
1
47 nF
Würth Electronik
732−8011−1−ND
C7, C8
2
220 mF
Würth Electronik
732−9171−1−ND
C9
1
150 nF
Murata
81−GRM188R71H154KA4D
C10
1
470 nF
Murata
490−11994−1−ND
C11, C16, C52, C56,
C60
5
10 nF
Würth Electronik
732−8007−1−ND
C12, C15, C75
3
1 F
AVX
1658870
C13, C14
2
22 mF
Würth Electronik
732−7709−1−ND
C17, C18
2
n.a., 470 pF
Würth Electronik
2495139
C19
1
1 nF
Murata
490−11503−1−ND
C20, C21
2
100 nF
Würth Electronik
732−7411−1−ND
C22, C23
2
470 mF
Würth Electronik
732−6678−ND
C25
1
100 nF
Würth Electronik
732−8061−1−ND
C26
1
330 mF
Würth Electronik
875075661010
C27, C31, C34
3
22 mF
TDK
1843167
C28, C30, C32, C33,
C35, C36, C43, C46,
C47, C48, C66, C67
12
100 nF
Würth Electronik
732−7495−1−ND
C29, C45, C49, C50,
C51, C68
6
1 nF
Würth Electronik
732−8001−1−ND
C37, C38, C39, C40,
C41, C42, C55, C59,
C63, C65
10
100 pF
Würth Electronik
732−7799−1−ND
C44
1
15 nF
Würth Electronik
2534047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com