công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SK645/50/SA bảng dữ liệu(PDF) 12 Page - ON Semiconductor

tên linh kiện SK645/50/SA
Giải thích chi tiết về linh kiện  Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SK645/50/SA bảng dữ liệu(HTML) 12 Page - ON Semiconductor

Back Button SK645/50/SA Datasheet HTML 8Page - ON Semiconductor SK645/50/SA Datasheet HTML 9Page - ON Semiconductor SK645/50/SA Datasheet HTML 10Page - ON Semiconductor SK645/50/SA Datasheet HTML 11Page - ON Semiconductor SK645/50/SA Datasheet HTML 12Page - ON Semiconductor SK645/50/SA Datasheet HTML 13Page - ON Semiconductor SK645/50/SA Datasheet HTML 14Page - ON Semiconductor SK645/50/SA Datasheet HTML 15Page - ON Semiconductor SK645/50/SA Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
SECO−MDK−4KW−65SPM31−GEVB
www.onsemi.com
12
IPM can be shut−down by setting the voltage level of the
CIN pin to 0.5 V or higher. The NCS2250 comparator is
responsible for asserting the CIN pin high, protecting the
board against an overcurrent incident (the output of the
overcurrent comparator drives ITRIP signal, which is routed
to CIN, Figure 8). CIN pin is also controlled by the UCB
controller, which allows the end−user to design multilayer
protection. Comparator threshold is set by a voltage divider,
which consists of the R65 and R69 resistors. That threshold
is compared against the non−inverting pin voltage, which
comes from the voltage across the shunt resistors R60, R64
and R66. The comparator also incorporates a hysteresis loop
by providing a feedback to the non−inverting pin via the R63
resistor. Based on the above selected resistors the tripping
threshold corresponds to +21 A. To prevent spurious
operation of comparator, a low pass filter is implemented,
formed by the capacitor C68 along with resistors R60, R64,
and R65. The cut−off frequency of the formed low−pass
filter results in a delay of around 500 ns, which is sufficient
for the fast reaction of the current protection.
On top of that, IPM asserts fault pin (VFO), which can be
used by the UCB to shut down the inverter. The voltage level
of that pin is low during normal state. After a fault
occurrence at the driver, the output of fault pin is switched
high. The output of fault pin is held on for a time determined
by the C44 capacitor (15 nF) that is connected to the CFOD
pin (IPM pin 25), which can be used by the software for
further actions. The equation that gives the on time of the
pulse (tonfault) is:
tonfault + 0.1 @ 106 @ C44 + 1500 ms
Board Connectors
MDK_SPM31 comes with several connectors that allow
the board to interact with external systems, such as encoders
and different control platforms (i.e. UCB). MDK_SPM31
also carries the appropriate connectors to host the UCB
controller. The interconnections/routing of the signals that
are associated with the connectors of the MDK_SPM31, as
well as the power−connectors of the board are described
later in this subsection.
Low−power Connectors
The MDK_SPM31 board has seven connectors in total.
Five of those connectors (CON7, CON6, J4, and CON4 and
CON5,) interfere with the various low−power signal and
voltage rails, while the rest two connectors handle the high
dc−input and the three−phase ac−output high power
voltages.
Figures 13−15 depict the low power connectors
schematics of the board along with their physical
visualization.
CON7 (Figure 13) can be used as an interface between the
encoder and the UCB controller, enabling sensored−FOC
control algorithms.
Figure 13. Schematic and Physical
Visualization of Encoder Interface
Encoder Interface
1
2
3
4
5
CON7
5 V
3_GND
DIO 2 7
DIO 2 6
DIO 2 5
The connector CON6 gives access to additional digital
I/O, PWM, and ADC pins of the UCB controller. Low pass
filters for current and/or voltage measurement signals are
placed closed to the headers (see Figure 14).
Figure 14. Schematic and Physical Visualization of CON6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com