công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SK645/50/SA bảng dữ liệu(PDF) 17 Page - ON Semiconductor

tên linh kiện SK645/50/SA
Giải thích chi tiết về linh kiện  Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SK645/50/SA bảng dữ liệu(HTML) 17 Page - ON Semiconductor

Back Button SK645/50/SA Datasheet HTML 13Page - ON Semiconductor SK645/50/SA Datasheet HTML 14Page - ON Semiconductor SK645/50/SA Datasheet HTML 15Page - ON Semiconductor SK645/50/SA Datasheet HTML 16Page - ON Semiconductor SK645/50/SA Datasheet HTML 17Page - ON Semiconductor SK645/50/SA Datasheet HTML 18Page - ON Semiconductor SK645/50/SA Datasheet HTML 19Page - ON Semiconductor SK645/50/SA Datasheet HTML 20Page - ON Semiconductor SK645/50/SA Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
SECO−MDK−4KW−65SPM31−GEVB
www.onsemi.com
17
Test Procedure
This section presents the test procedure and results for the
evaluation of the platform. The aim of these tests is to show
the system level performance of the IPM as well as the
performance of some of the key subsystems. The described
and presented test and results include:
• Load tests
♦ 1 kW
♦ 4 kW
• Auxiliary power supply
♦ Load transient
Setup and Start−up Procedure
Figure 20 shows an overview of the test setup. The
test−bench consists of five main parts:
1. DC−power supply
2. MDK_SPM31 power−board
3. R−L load/or MOTOR
4. PC/Laptop with a USB−C cable connection to
a serial com port for the graphical user interface
5. Oscilloscope to monitor the inverter output currents
and voltage.
Ensure to follow and implement the Safety precautions
descried in Safety Precautions while testing and
manipulating the board.
Figure 20. Overview of Schematic Set−up
The procedure to start−up and power down the
development board is described below. Please read the
mandatory Safety precautions detailed in Safety Precautions
before manipulating the board.
1. Connect the DC−power supply cables to the
MDK_SPM31 board. Connect the positive voltage to
the red connector of MDK_SPM31, while the
negative to the black. Connect the green connector
to the earth.
2. Set a maximum voltage and current limit at the
power supply. Use 410 V and 13 A
3. Connect your laptop to the UCB via the USB−C
cable
4. Run the executable file of the GUI that is found in
[12]
5. On the pop−window press the “Connect” to connect
to the UCB board
6. If the connection is successful, an indication
“Connected” will appear at the bottom right of GUI.
If connection fail several times, reconnect the
USB−C cable and try again
7. After being connected, you can change the following
configuration in the GUI: You can select one of the
two available control strategies (i.e. FOC or V/F);
the maximum motor phase voltage and speed; the
pole−pairs of the motor; and finally you can select
the gains of the PI controllers (used only in FOC). If
one or more of above the parameters is not
configured, the software will use the default value.
Default values are: control strategy is V/F,
maximum voltage 200 Vrms, maximum speed 9000
RPM, 4 pole−pairs, gains of current regulator 30 and
2500, gains of speed regulator 0.08 and 0.05.
8. After having configured the control and motor
parameters, push the “RUN” button (the motor will
not start yet)
9. Switch on the power supply at 400 V, and observe the
voltage at the GUI
10. Set a target speed and a target acceleration and press
the “SEND REF VALUE” button
11. The motor should start running
12. To stop the motor press the “STOP MOTOR” button
13. When the test stops and the DC source is
disconnected from the MDK_SPM31 board, there
might be still voltage on the DC link capacitor, so
please be careful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com