công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NUC029-FAE bảng dữ liệu(PDF) 9 Page - Nuvoton Technology Corporation

tên linh kiện NUC029-FAE
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC029-FAE bảng dữ liệu(HTML) 9 Page - Nuvoton Technology Corporation

Back Button NUC029-FAE Datasheet HTML 5Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 6Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 7Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 8Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 9Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 10Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 11Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 12Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 13Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
NUC029xDE
Apr 09, 2020
Page 9 of 75
Rev 1.04
Supports independent mode for PWM output/Capture input channel
Supports complementary mode for 3 complementary paired PWM output channel
 Dead-time insertion with 12-bit resolution
 Two compared values during one period
Supports 12-bit pre-scalar from 1 to 4096
Supports 16-bit resolution PWM counter
 Up, down and up/down counter operation type
Supports mask function and tri-state enable for each PWM pin
Supports brake function
 Brake source from pin and system safety events (clock failed, Brown-out detection and
CPU lockup)
 Noise filter for brake source from pin
 Edge detect brake source to control brake state until brake interrupt cleared
 Level detect brake source to auto recover function after brake condition removed
Supports interrupt on the following events:
 PWM counter match zero, period value or compared value
 Brake condition happened
Supports trigger ADC on the following events:
 PWM counter match zero, period value or compared value
Supports up to 12 capture input channels with 16-bit resolution
Supports rising edges, falling edges or both edges capture condition
Supports input rising edges, falling edges or both edges capture interrupt
Supports rising edges, falling edges or both edges capture with counter reload option
 UART
Up to four UART controllers
UART0 and UART1 ports with flow control (TXD, RXD, nCTS and nRTS)
UART0, UART1 and UART2 with 16-byte FIFO for standard device
Supports IrDA (SIR) and LIN function
Supports RS-485 9-bit mode and direction control
Supports auto baud-rate generator
 SPI
One set of SPI controller
Supports SPI Master/Slave mode
Full duplex synchronous serial data transfer
Variable length of transfer data from 8 to 32 bits
MSB or LSB first data transfer
Rx and Tx on both rising or falling edge of serial clock independently
Supports Byte Suspend mode in 32-bit transmission
Supports three wire, no slave select signal, bi-direction interface
 I
2C
Up to two sets of I
2C devices
Master/Slave mode
Bidirectional data transfer between masters and slaves
Multi-master bus (no central master)
Arbitration between simultaneously transmitting masters without corruption of serial data on
the bus
Serial clock synchronization allowing devices with different bit rates to communicate via one
serial bus
Serial clock synchronization used as a handshake mechanism to suspend and resume serial
transfer
Programmable clocks allowing for versatile rate control
Supports multiple address recognition (four slave address with mask option)
Supports wake-up function
 ADC
12-bit SAR ADC with 1000 kSPS
Up to 8-ch single-end input or 4-ch differential input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com