công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NUC029-FAE bảng dữ liệu(PDF) 38 Page - Nuvoton Technology Corporation

tên linh kiện NUC029-FAE
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC029-FAE bảng dữ liệu(HTML) 38 Page - Nuvoton Technology Corporation

Back Button NUC029-FAE Datasheet HTML 34Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 35Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 36Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 37Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 38Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 39Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 40Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 41Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 42Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
NUC029xDE
Apr 09, 2020
Page 38 of 75
Rev 1.04
6.4 Flash Memory Controller (FMC)
6.4.1 Overview
The NuMicro
®
NUC029xDE has 68K bytes on-chip embedded Flash for application program
memory (APROM) that can be updated through ISP procedure. The In-System-Programming
(ISP) function enables user to update program memory when chip is soldered on PCB. After chip
is powered on, Cortex
® -M0 CPU fetches code from APROM or LDROM decided by boot select
(CBS) in CONFIG0. By the way, the NuMicro
® NUC029xDE also provides additional Data Flash
for user to store some application dependent data.
The NuMicro
® NUC029xDE supports another flexible feature: configurable Data Flash size. The
Data Flash size is decided by Data Flash variable size enable (DFVSEN), Data Flash enable
(DFEN) in Config0 and Data Flash base address (DFBADR) in Config1. When DFVSEN is set to
1, the Data Flash size is fixed at 4K and the address is started from 0x0001_f000, and the
APROM size is become 64K. When DFVSEN is set to 0 and DFEN is set to 1, the Data Flash size
is zero and the APROM size is 68K bytes. When DFVSEN is set to 0 and DFEN is set to 0, the
APROM and Data Flash share 68K bytes continuous address and the start address of Data Flash
is defined by (DFBADR) in Config1.
6.4.2 Features
Runs up to 50 MHz with zero wait cycle for continuous address read access
All embedded flash memory supports 512 bytes page erase
68 KB application program memory (APROM)
4KB In-System-Programming (ISP) loader program memory (LDROM)
Configurable Data Flash size
512 bytes page erase unit
Supports In-Application-Programming (IAP) to switch code between APROM and
LDROM without reset
In-System-Programming (ISP) to update on-chip Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com