công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NUC029-FAE bảng dữ liệu(PDF) 8 Page - Nuvoton Technology Corporation

tên linh kiện NUC029-FAE
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC029-FAE bảng dữ liệu(HTML) 8 Page - Nuvoton Technology Corporation

Back Button NUC029-FAE Datasheet HTML 4Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 5Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 6Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 7Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 8Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 9Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 10Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 11Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 12Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
NUC029xDE
Apr 09, 2020
Page 8 of 75
Rev 1.04
2
FEATURES
 ARM
® Cortex® -M0 core
Runs up to 50 MHz
One 24-bit system timer
Supports low power sleep mode
Single-cycle 32-bit hardware multiplier
NVIC for the 32 interrupt inputs, each with 4-levels of priority
Serial Wire Debug supports with 2 watchpoints/4 breakpoints
 Built-in LDO for wide operating voltage ranged from 2.5 V to 5.5 V
 Flash Memory
68 Kbytes Flash for program code
Configurable Flash memory for data memory (Data Flash), 4 KB flash for ISP loader
Supports In-System-Program (ISP) and In-Application-Program (IAP) application code
update
512 byte page erase for flash
Supports 2-wired ICP update through SWD/ICE interface
Supports fast parallel programming mode by external programmer
 SRAM Memory
8KB SRAM
 Clock Control
Flexible selection for different applications
Built-in 22.1184 MHz high speed oscillator for system operation
 Trimmed to ±1 % at +25 ℃ and V
DD = 5 V
 Trimmed to ±2 % at -40 ℃ ~ +105 ℃ and V
DD = 2.5 V ~ 5.5 V
Built-in 10 kHz low speed oscillator for Watchdog Timer and Wake-up operation
Supports one PLL output frequency up to 200 MHz, PWM clock frequency up to 100 MHz,
and System operation frequency up to 50 MHz
External 4~24 MHz high speed crystal input for precise timing operation
 GPIO
Four I/O modes:
 Quasi-bidirectional
 Push-pull output
 Open-drain output
 Input only with high impendence
TTL/Schmitt trigger input selectable
I/O pin configured as interrupt source with edge/level setting
 Timer
Supports 4 sets of 32-bit timers with 24-bit up-timer and one 8-bit prescale counter
Independent clock source for each timer
Provides one-shot, periodic, toggle and continuous counting operation modes
Supports event counting function
Supports input capture function
 Watchdog Timer
Multiple clock sources
 System clock (HCLK)
 Internal 10 kHz oscillator (LIRC)
8 selectable time-out period from 1.6 ms ~ 26.0 sec (depending on clock source)
Wake-up from Power-down or Idle mode
Interrupt or reset selectable on watchdog time-out
 Window Watchdog Timer
6-bit down counter with 11-bit prescale for wide range window selected
 PWM/Capture
Supports maximum clock frequency up to 100MHz
Supports up to two PWM modules, each module provides three 16-bit timers and 6 output
channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com