| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M032FD3AE bảng dữ liệu(PDF) 21 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
M032FD3AE bảng dữ liệu(HTML) 21 Page - Nuvoton Technology Corporation |
|
21 / 288 page ![]() M031/M032 Sep. 29, 2020 Page 21 of 288 Rev 2.02 USB 2.0 Full Speed with on-chip transceiver Compliant with USB Revision 2.0 Specification. Supports suspend function when no bus activity existing for 3 ms. 8 configurable endpoints for configurable Isochronous, Bulk, Interrupt and Control transfer types. 512 bytes configurable RAM for endpoint buffer. Remote wake-up capability. Supports Crystal-less function Start of Frame (SOF) locked clock pulse generation USB 2.0 link power management. |