công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M032FD3AE bảng dữ liệu(PDF) 14 Page - Nuvoton Technology Corporation

tên linh kiện M032FD3AE
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD3AE bảng dữ liệu(HTML) 14 Page - Nuvoton Technology Corporation

Back Button M032FD3AE Datasheet HTML 10Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 11Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 12Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 13Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 14Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 15Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 16Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 17Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 18Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 288 page
background image
M031/M032
Sep. 29, 2020
Page 14 of 288
Rev 2.02
2
FEATURES
2.1 M031/M032 Features
Core and System
Arm
®
Cortex
® -M0
 Arm
® Cortex® -M0 processor, running up to 72 MHz
– 72 MHz at 2.0V-3.6V
– 48 MHz at 1.8V-3.6V
 Built-in Nested Vectored Interrupt Controller (NVIC)
 24-bit system tick timer
 Programmble and maskable interrupt
 Low Power Sleep mode by WFI and WFE instructions
Brown-out Detector (BOD)
Two-level BOD with brown-out interrupt and reset option.
(2.5V/2.0V)
Low Voltage Reset (LVR)
LVR with 1.7V threshold voltage level.
Security
96-bit Unique ID (UID).
128-bit Unique Customer ID (UCID).
32-bit H/W Divider(HDIV)
Signed (two’s complement) integer calculation
32-bit dividend with 16-bit divisor calculation capacity
32-bit quotient and 32-bit remainder outputs (16-bit remainder with
sign extends to 32-bit)
Memories
Flash
Dual bank 512 KB on-chip Application ROM (APROM) for Over-
The-Air (OTA) upgrade.
Single bank up to 256 KB on-chip Application ROM (APROM).
Up to 8 KB on-chip Flash for user-defined loader (LDROM)
Up to 2048 bytes execution-only Security Protection ROM
(SPROM)
All on-chip Flash support 512 bytes or 2048 bytes page erase
Fast Flash programming verification with CRC-32 checksum
calculation
On-chip Flash programming with In-Chip Programming (ICP), In-
System Programming (ISP) and In-Application Programming (IAP)
capabilities
2-wired ICP Flash updating through SWD/ICE interface
SRAM
Up to 96 KB on-chip SRAM
– 32 KB SRAM located in bank 0 that supports hardware parity
check and retenion mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com