| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATMEGA640 bảng dữ liệu(PDF) 101 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATMEGA640 bảng dữ liệu(HTML) 101 Page - Microchip Technology |
|
101 / 436 page ![]() 101 ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET] DS40002211A 14. Interrupts This section describes the specifics of the interrupt handling as performed in ATmega640/1280/1281/2560/2561. For a general explanation of the AVR interrupt handling, refer to “Reset and Interrupt Handling” on page 17. 14.1 Interrupt Vectors in ATmega640/1280/1281/2560/2561 Table 14-1. Reset and Interrupt Vectors Vector No. Program Address(2) Source Interrupt Definition 1 $0000(1) RESET External Pin, Power-on Reset, Brown-out Reset, Watchdog Reset, and JTAG AVR Reset 2 $0002 INT0 External Interrupt Request 0 3 $0004 INT1 External Interrupt Request 1 4 $0006 INT2 External Interrupt Request 2 5 $0008 INT3 External Interrupt Request 3 6 $000A INT4 External Interrupt Request 4 7 $000C INT5 External Interrupt Request 5 8 $000E INT6 External Interrupt Request 6 9 $0010 INT7 External Interrupt Request 7 10 $0012 PCINT0 Pin Change Interrupt Request 0 11 $0014 PCINT1 Pin Change Interrupt Request 1 12 $0016(3) PCINT2 Pin Change Interrupt Request 2 13 $0018 WDT Watchdog Time-out Interrupt 14 $001A TIMER2 COMPA Timer/Counter2 Compare Match A 15 $001C TIMER2 COMPB Timer/Counter2 Compare Match B 16 $001E TIMER2 OVF Timer/Counter2 Overflow 17 $0020 TIMER1 CAPT Timer/Counter1 Capture Event 18 $0022 TIMER1 COMPA Timer/Counter1 Compare Match A 19 $0024 TIMER1 COMPB Timer/Counter1 Compare Match B 20 $0026 TIMER1 COMPC Timer/Counter1 Compare Match C 21 $0028 TIMER1 OVF Timer/Counter1 Overflow 22 $002A TIMER0 COMPA Timer/Counter0 Compare Match A 23 $002C TIMER0 COMPB Timer/Counter0 Compare match B 24 $002E TIMER0 OVF Timer/Counter0 Overflow 25 $0030 SPI, STC SPI Serial Transfer Complete 26 $0032 USART0 RX USART0 Rx Complete 27 $0034 USART0 UDRE USART0 Data Register Empty 28 $0036 USART0 TX USART0 Tx Complete 29 $0038 ANALOG COMP Analog Comparator 30 $003A ADC ADC Conversion Complete |