| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATMEGA640 bảng dữ liệu(PDF) 421 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATMEGA640 bảng dữ liệu(HTML) 421 Page - Microchip Technology |
|
421 / 436 page ![]() 421 ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET] DS40002211A - Use internal RAM for stack pointer. 6. EEPROM read from application code does not work in Lock Bit Mode 3 When the Memory Lock Bits LB2 and LB1 are programmed to mode 3, EEPROM read does not work from the application code. Problem Fix/Workaround Do not set Lock Bit Protection Mode 3 when the application code needs to read from EEPROM. |