| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN7430 bảng dữ liệu(PDF) 74 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN7430 bảng dữ liệu(HTML) 74 Page - Microchip Technology |
|
74 / 77 page ![]() LAN7430/LAN7431 DS00002631D-page 74 2018-2019 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: LAN7430= PCIe to GigE Controller with Ethernet PHY LAN7431= PCIe to GigE Controller with MII/RGMII Tape and Reel Option: Blank = Standard packaging (tray) T = Tape and Reel (Note 1) Temperature Range: Blank = 0 C to +70C (Commercial) -I = -40 C to +85C (Industrial) -V = -40 C to +105C (Automotive) Package: Y9X = 48-pin SQFN (LAN7430 Only) YXX = 72-pin SQFN (LAN7431 Only) Automotive Code: Vxx = 3 character code with “V” prefix, specifying automotive product. (LAN7431 Only) Examples: a) LAN7430/Y9X Tray, 0 C to +70C, 48-pin SQFN b) LAN7430T/Y9X Tape & reel, 0 C to +70C, 48-pin SQFN c) LAN7430-I/Y9X Tray, -40 C to +85C, 48-pin SQFN d) LAN7430T-I/Y9X Tape & reel, -40 C to +85C, 48-pin SQFN e) LAN7431/YXX Tray, 0 C to +70C, 72-pin SQFN f) LAN7431T/YXX Tape & reel, 0 C to +70C, 72-pin SQFN g) LAN7431-I/YXX Tray, -40 C to +85C, 72-pin SQFN h) LAN7431T-I/YXX Tape & reel, -40 C to +85C, 72-pin SQFN i) LAN7431-V/YXXVAO Tray, -40 C to +105C, 72-pin SQFN, Automotive j) LAN7431T-V/YXXVAO Tape & reel, -40 C to +105C, 72-pin SQFN, Automotive Note 1: Tape and Reel identifier only appears in the catalog part number description. This identi- fier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. Device Tape and Reel Option / Temperature Range XXX [X](1) X Package XXX Automotive Code |