công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN7430 bảng dữ liệu(PDF) 50 Page - Microchip Technology

tên linh kiện LAN7430
Giải thích chi tiết về linh kiện  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 bảng dữ liệu(HTML) 50 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 46Page - Microchip Technology LAN7430 Datasheet HTML 47Page - Microchip Technology LAN7430 Datasheet HTML 48Page - Microchip Technology LAN7430 Datasheet HTML 49Page - Microchip Technology LAN7430 Datasheet HTML 50Page - Microchip Technology LAN7430 Datasheet HTML 51Page - Microchip Technology LAN7430 Datasheet HTML 52Page - Microchip Technology LAN7430 Datasheet HTML 53Page - Microchip Technology LAN7430 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 50
 2018-2019 Microchip Technology Inc.
7.4
Power Consumption
7.4.1
LAN7430 POWER CONSUMPTION
TABLE 7-3:
LAN7430 POWER CONSUMPTION
Mode
3.3V Typical
Current (mA)
Typical Power (mW)
Suspend
Without WoL support
44
145
WoL - 1000BASE-T
208
686
WoL - 100BASE-TX
107
353
WoL - 10BASE-Te
57
188
WoL - 100BASE-TX EEE
76
251
WoL - 1000BASE-T EEE
70
231
Active
Operation
L0s
284
936
L1
273
901
L1 with CPM
252
832
L1.SS
247
814
Idle
L0s
281
927
L1
255
842
L1 with CPM
232
766
L1.SS
230
759
Idle
w/EEE
L0s
133
439
L1
105
347
L1 with CPM
86
284
L1.SS
85
281
Active
Operation
L0s
173
572
L1
147
485
L1 with CPM
134
444
L1.SS
132
437
Idle
L0s
173
571
L1
144
475
L1 with CPM
125
413
L1.SS
124
409
Idle
w/EEE
L0s
139
459
L1
111
366
L1 with CPM
92
304
L1.SS
91
300
Active
Operation
L0s
126
416
L1
105
347
L1 with CPM
82
270
L1.SS
81
267
Idle
L0s
118
389
L1
91
300
L1 with CPM
72
238
L1.SS
71
234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77