công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC8364LP6GETR bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện HMC8364LP6GETR
Giải thích chi tiết về linh kiện  18.10 GHz to 26.60 GHz Quadband VCO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

HMC8364LP6GETR bảng dữ liệu(HTML) 5 Page - Analog Devices

  HMC8364LP6GETR Datasheet HTML 1Page - Analog Devices HMC8364LP6GETR Datasheet HTML 2Page - Analog Devices HMC8364LP6GETR Datasheet HTML 3Page - Analog Devices HMC8364LP6GETR Datasheet HTML 4Page - Analog Devices HMC8364LP6GETR Datasheet HTML 5Page - Analog Devices HMC8364LP6GETR Datasheet HTML 6Page - Analog Devices HMC8364LP6GETR Datasheet HTML 7Page - Analog Devices HMC8364LP6GETR Datasheet HTML 8Page - Analog Devices HMC8364LP6GETR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
HMC8364
Rev. A | Page 5 of 17
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VC1 to VC4, VCB1
5.5 V dc
VTUNE
0 V to 14.5 V
Temperature
Operating
−40°C to +85°C
Storage
−65°C to +150°C
Nominal Junction (to Maintain 1 Million
Hours Mean Time to Failure (MTTF))
135°C
Peak Reflow (Moisture Sensitivity
Level (MSL) 3 Rating)
260°C
1
Only one VCO band must be powered at a time. VC1 to VC4 are the Band 1 to
Band 4 supply voltages on the VC1 to VC4 pins, respectively.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 3. Thermal Resistance
Package Type1
θJA
θJC
Unit
HCP-40-1
27.50
18.04
°C/W
1
The thermal impedance simulated values are based on the JESD51 standard
using 2S2P on FR4 with four standard JEDEC vias (0.3 mm diameter,
0.025 mm plating, and 1.2 mm pitch).
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD sensitive devices in an ESD protected area only.
Human body model (HBM) per JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for HMC8364
Table 4. HMC8364, 40-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
±250
1A
CDM
±1000
C3
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com