công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L552CCU6PXXX bảng dữ liệu(PDF) 146 Page - STMicroelectronics

tên linh kiện STM32L552CCU6PXXX
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552CCU6PXXX bảng dữ liệu(HTML) 146 Page - STMicroelectronics

Back Button STM32L552CCU6PXXX Datasheet HTML 142Page - STMicroelectronics STM32L552CCU6PXXX Datasheet HTML 143Page - STMicroelectronics STM32L552CCU6PXXX Datasheet HTML 144Page - STMicroelectronics STM32L552CCU6PXXX Datasheet HTML 145Page - STMicroelectronics STM32L552CCU6PXXX Datasheet HTML 146Page - STMicroelectronics STM32L552CCU6PXXX Datasheet HTML 147Page - STMicroelectronics STM32L552CCU6PXXX Datasheet HTML 148Page - STMicroelectronics STM32L552CCU6PXXX Datasheet HTML 149Page - STMicroelectronics STM32L552CCU6PXXX Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 340 page
background image
Electrical characteristics
STM32L552xx
146/340
DS12737 Rev 6
5.3.2
SMPS step-down converter
The device embeds an SMPS step down converter which requires the external components
shown in below figure.
Figure 31. External components for SMPS step down converter
The following table summarizes the SMPS behavior depending on the main regulator range,
VDD and consumption.
TA
Ambient temperature for
the suffix 6 version
Maximum power
dissipation
–40
85
°C
Low-power dissipation(6)
–40
105
Ambient temperature for
the suffix 3 version
Maximum power
dissipation
–40
125
Low-power dissipation(6)
–40
130
TJ
Junction temperature range
Suffix 6 version
–40
105
°C
Suffix 3 version
–40
130
1. When RESET is released functionality is guaranteed down to VBOR0 Min.
2. For Flash erase and program operation, VDD12 min must be 1.08 V.
3. This formula has to be applied only on the power supplies related to the IO structure described by the pin
definition table. Maximum I/O input voltage is the smallest value between MIN(VDD, VDDA, VDDIO2,
VDDUSB)+3.6 V and 5.5V.
4. For operation with voltage higher than Min (VDD, VDDA, VDDIO2, VDDUSB) +0.3 V, the internal Pull-up and
Pull-Down resistors must be disabled.
5. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Section 7.7: Thermal
characteristics).
6. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see
Section 7.7: Thermal characteristics).
Table 27. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
MSv62972V2
VDD
VDDSMPS
VLXSMPS
2 x V15SMPS
VSSSMPS
L = 4.7 μH typ
SMPS
C = 4.7 μF typ
VCORE
Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com