| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCU6PXXX bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU6PXXX bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 340 page ![]() Functional overview STM32L552xx 38/340 DS12737 Rev 6 The ultra-low-power STM32L552xx devices support dynamic voltage scaling to optimize its power consumption in Run mode. The voltage from the main regulator that supplies the logic (VCORE) can be adjusted according to the system’s maximum operating frequency. The main regulator operates in the following ranges: • Range 0 with the CPU running at up to 110 MHz. • Range 1 with the CPU running at up to 80 MHz. • Range 2 with a maximum CPU frequency of 26 MHz. All peripheral clocks are also limited to 26 MHz. The VCORE can be supplied by the low-power regulator, the main regulator being switched off. The system is then in Low-power run mode. • Low-power run mode with the CPU running at up to 2 MHz. Peripherals with independent clock can be clocked by the HSI16. 3.9.4 SMPS step down converter The built-in SMPS step down converter is a highly power-efficient DC/DC non-linear switching regulator that improves low-power performance when the VDD voltage is high enough. This SMPS step down converter automatically enters in bypass mode when the VDD voltage falls below 2 V in Range 0 and Range 1. Note: There is no automatic SMPS bypass in Range 2. The SMPS step down converter can be configured in: • High-power mode (HPM): achieving a high efficiency at high current load. It is the default selected mode after POR reset. • Low power mode achieving very high efficiency at low load • Bypass mode The SMPS step down converter can be switched in bypass mode at any time by the application software. Note: The SMPS step down converter is available only on specific package. SMPS step down converter power supply scheme The SMPS step down converter requires an external coil with typical value of 4.7 μH to be connected between the VLXSMPS and the V15SMPS pins and a 4.7μF capacitor to be connected between the V15SMPS to VSSSMPS pins. It can be switched OFF by selecting the Bypass mode by software. Thus, only main regulator is used by the application. |