| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCU6PXXX bảng dữ liệu(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU6PXXX bảng dữ liệu(HTML) 68 Page - STMicroelectronics |
|
68 / 340 page ![]() Functional overview STM32L552xx 68/340 DS12737 Rev 6 3.30.1 Advanced-control timer (TIM1, TIM8) The advanced-control timers can each be seen as a three-phase PWM multiplexed on six channels. They have complementary PWM outputs with programmable inserted dead- times. They can also be seen as complete general-purpose timers. The four independent channels can be used for: • Input capture • Output compare • PWM generation (edge or center-aligned modes) with full modulation capability (0- 100%) • One-pulse mode output In debug mode, the advanced-control timer counter can be frozen and the PWM outputs disabled in order to turn off any power switches driven by these outputs. Many features are shared with the general-purpose TIMx timers (described in Section 3.30.2) using the same architecture, so the advanced-control timers can work together with the TIMx timers via the Timer Link feature for synchronization or event chaining. Table 16. Timer feature comparison Timer type Timer Counter resolution Counter type Prescaler factor DMA request generation Capture/ compare channels Complementary outputs Advanced control TIM1, TIM8 16-bit Up, down, Up/down Any integer between 1 and 65536 Yes 4 3 General- purpose TIM2, TIM5 32-bit Up, down, Up/down Any integer between 1 and 65536 Yes 4 No General- purpose TIM3, TIM4 16-bit Up, down, Up/down Any integer between 1 and 65536 Yes 4 No General- purpose TIM15 16-bit Up Any integer between 1 and 65536 Yes 2 1 General- purpose TIM16, TIM17 16-bit Up Any integer between 1 and 65536 Yes 1 1 Basic TIM6, TIM7 16-bit Up Any integer between 1 and 65536 Yes 0 No |