| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCU6PTR bảng dữ liệu(PDF) 165 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU6PTR bảng dữ liệu(HTML) 165 Page - STMicroelectronics |
|
165 / 340 page ![]() Table 45. Current consumption in Run and Low-power run modes, code with data processing running from SRAM1 Symbol Parameter Conditions TYP MAX Unit - Voltage scaling fHCLK 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C IDD (Run) Supply current in Run mode fHCLK = fHSE up to 48MHz included, bypass mode PLL ON above 48 MHz all peripherals disabled Range 2 26 MHz 3.25 3.59 4.62 6.12 8.92 4.44 6.89 12.15 18.80 29.60 mA 16 MHz 2.08 2.41 3.43 4.93 7.69 3.27 5.72 10.96 17.61 28.38 8 MHz 1.15 1.47 2.47 3.97 6.73 2.35 4.78 10.01 16.64 27.40 4 MHz 0.68 1.00 1.99 3.51 6.23 1.88 4.31 9.53 16.16 26.91 2 MHz 0.44 0.76 1.75 3.25 5.97 1.65 4.07 9.30 15.92 26.67 1 MHz 0.32 0.64 1.64 3.14 5.86 1.59 4.01 9.24 15.86 26.61 100 KHz 0.22 0.53 1.52 3.03 5.76 1.42 3.84 9.06 15.68 26.43 Range 0 110 MHz 16.99 17.57 19.10 21.22 24.94 19.40 23.45 31.63 41.44 56.82 Range 1 80 MHz 11.63 12.13 13.48 15.38 18.76 13.57 17.11 24.35 33.21 47.09 72 MHz 10.50 10.99 12.33 14.22 17.62 12.42 15.96 23.19 32.04 45.92 64 MHz 9.37 9.85 11.18 13.07 16.43 11.28 14.81 22.04 30.87 44.74 48 MHz 7.10 7.56 8.87 10.74 14.10 8.99 12.51 19.71 28.54 42.40 32 MHz 4.826 5.27 6.55 8.40 11.70 6.70 10.20 17.38 26.18 40.08 24 MHz 3.68 4.11 5.37 7.23 10.54 5.55 9.05 16.21 24.99 38.88 16 MHz 2.54 2.97 4.22 6.05 9.34 4.41 7.89 15.04 23.81 37.68 IDD (LPRun) Supply current in Low-power run mode fHCLK = fMSI all peripherals disabled FLASH in power-down 2 MHz 385.23 772.80 1911 3545 6506 2010 4724 12895 21185 30901 µA 1 MHz 271.61 633.31 1776 3405 6382 1896 4686 12648 20905 30715 400 KHz 198.95 554.43 1694 3337 6298 1818 4633 10788 18052 30448 100 KHz 142.82 517.78 1638 3286 6267 1423 3848 9073 15687 26433 |