| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCU6PTR bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU6PTR bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 340 page ![]() DS12737 Rev 6 27/340 STM32L552xx Functional overview 78 3.8 TrustZone security architecture The security architecture is based on Arm® TrustZone® with the Armv8-M Main Extension. The TrustZone security is activated by the TZEN option bit in the FLASH_OPTR register. When the TrustZone is enabled, the SAU (security attribution unit) and IDAU (implementation defined attribution unit) defines the access permissions based on secure and non-secure state. • SAU: Up to 8 SAU configurable regions are available for security attribution. • IDAU: It provides a first memory partition as non-secure or non-secure callable attributes. It is then combined with the results from the SAU security attribution and the higher security state is selected. Based on IDAU security attribution, the Flash, system SRAMs and peripherals memory space is aliased twice for secure and non-secure state. However, the external memories space is not aliased. Table 6 shows an example of typical SAU regions configuration based on IDAU regions. The user can split and choose the secure, non-secure or NSC regions for external memories as needed. Table 6. Example of memory map security attribution vs SAU configuration regions(1) (2) Region description Address range IDAU security attribution SAU security attribution typical configuration Final security attribution Code - external memories 0x0000_0000 0x07FF_FFFF Non-secure Secure or non- secure or NSC Secure or non- secure or NSC Code - Flash and SRAM 0x0800_0000 0x0BFF_FFFF Non-secure Non-secure Non-secure 0x0C00_0000 0x0FFF_FFFF NSC Secure or NSC Secure or NSC Code - external memories 0x1000_0000 0x17FF_FFFF Non-secure Non-secure 0x1800_0000 0x1FFF_FFFF SRAM 0x2000_0000 0x2FFF_FFFF Non-secure 0x3000_0000 0x3FFF_FFFF NSC Secure or NSC Secure or NSC Peripherals 0x4000_0000 0x4FFF_FFFF Non-secure Non-secure Non-secure 0x5000_0000 0x5FFF_FFFF NSC Secure or NSC Secure or NSC External memories 0x6000_0000 0xDFFF_FFFF Non-secure Secure or non- secure or NSC Secure or non- secure or NSC 1. NSC = non-secure callable. |