| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCU6PTR bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU6PTR bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 340 page ![]() Functional overview STM32L552xx 24/340 DS12737 Rev 6 The RSS is available on all devices, after enabling the TrustZone through the TZEN option bit. Refer to the application note Overview secure firmware install (SFI) (AN4992) for more details. Refer to Table 3 and Table 4 for boot modes when TrustZone is disabled and enabled respectively. When TrustZone is enabled by setting the TZEN option bit, the boot space must be in secure area. The SECBOOTADD0[24:0] option bytes are used to select the boot secure memory address. A unique boot entry option can be selected by setting the BOOT_LOCK option bit, allowing to boot always at the address selected by SECBOOTADD0[24:0] option bytes. All other boot options are ignored. Table 3. Boot modes when TrustZone is disabled (TZEN=0) nBOOT0 FLASH_ OPTR[27] BOOT0 pin PH3 nSWBOOT0 FLASH_ OPTR[26] Boot address option- bytes selection Boot area ST programmed default value - 0 1 NSBOOTADD0[24:0] Boot address defined by user option bytes NSBOOTADD0[24:0] Flash: 0x0800 0000 - 1 1 NSBOOTADD1[24:0] Boot address defined by user option bytes NSBOOTADD1[24:0] System bootloader: 0x0BF9 0000 1 - 0 NSBOOTADD0[24:0] Boot address defined by user option bytes NSBOOTADD0[24:0] Flash: 0x0800 0000 0 - 0 NSBOOTADD1[24:0] Boot address defined by user option bytes NSBOOTADD1[24:0] System bootloader: 0x0BF9 0000 |