| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCU6PTR bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU6PTR bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 340 page ![]() DS12737 Rev 6 51/340 STM32L552xx Functional overview 78 interrupt is generated if enabled. LSE failure can also be detected and generated an interrupt. • Clock-out capability: – MCO (microcontroller clock output): it outputs one of the internal clocks for external use by the application – LSCO (low-speed clock output): it outputs LSI or LSE in all low-power modes (except VBAT). Several prescalers allow to configure the AHB frequency, the high speed APB (APB2) and the low-speed APB (APB1) domains. The maximum frequency of the AHB and the APB domains is 110 MHz. |