| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCU6PTR bảng dữ liệu(PDF) 161 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU6PTR bảng dữ liệu(HTML) 161 Page - STMicroelectronics |
|
161 / 340 page ![]() Table 41. Current consumption in Run and Low-power run modes, code with data processing running from Flash in dual bank, ICACHE disabled Symbol Parameter Conditions TYP MAX Unit - Voltage scaling fHCLK 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C IDD (Run) Supply current in Run mode fHCLK = fHSE up to 48MHz included, bypass mode PLL ON above 48 MHz all peripherals disabled Range 2 26 MHz 4.17 4.52 5.55 7.10 9.86 5.38 7.84 13.11 19.77 30.58 mA 16 MHz 2.73 3.07 4.09 5.63 8.40 3.93 6.38 11.64 18.28 29.07 8 MHz 1.47 1.80 2.81 4.32 7.05 2.67 5.11 10.35 16.98 27.75 4 MHz 0.84 1.166 2.16 3.66 6.39 2.04 4.47 9.70 16.33 27.08 2 MHz 0.52 0.84 1.84 3.33 6.05 1.73 4.16 9.38 16.00 26.76 1 MHz 0.36 0.68 1.68 3.18 5.89 1.65 4.08 9.30 15.92 26.67 100 KHz 0.22 0.53 1.53 3.03 5.74 1.43 3.86 9.08 15.70 26.44 Range 0 110 MHz 17.20 17.81 19.35 21.47 25.17 19.96 24.02 32.20 42.00 57.39 Range 1 80 MHz 13.93 14.47 15.86 17.80 21.23 16.17 19.70 26.96 35.83 49.73 72 MHz 12.60 13.12 14.51 16.45 19.86 14.80 18.34 25.59 34.46 48.34 64 MHz 11.82 12.34 13.73 15.65 19.05 13.90 17.45 24.69 33.55 47.42 48 MHz 8.922 9.42 10.78 12.69 16.08 10.97 14.51 21.73 30.58 44.45 32 MHz 6.24 6.72 8.03 9.92 13.28 8.22 11.74 18.93 27.74 41.65 24 MHz 4.75 5.21 6.50 8.35 11.67 6.70 10.20 17.37 26.16 40.06 16 MHz 3.38 3.83 5.09 6.93 10.22 5.28 8.77 15.92 24.70 38.58 IDD (LPRun) Supply current in Low-power run mode fHCLK = fMSI all peripherals disabled 2 MHz 483.6 4 889.5 6 2022 3671 6622 2109 5283 12566 20777 31527 µA 1 MHz 332.2 4 705.1 9 1836 3468 6424 1954 5032 11918 18517 31263 400 KHz 206.5 9 588.2 5 1722 3355 6314 1849 4802 11889 18449 31148 100 KHz 156.4 1 527.8 0 1666 3315 6247 1809 4600 11847 18240 30791 |