công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F52106ADFN bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp

tên linh kiện R5F52106ADFN
Giải thích chi tiết về linh kiện  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52106ADFN bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp

  R5F52106ADFN Datasheet HTML 1Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 2Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 3Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 4Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 5Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 6Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 7Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 8Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 223 page
background image
R01DS0041EJ0150 Rev.1.50
Page 5 of 221
Oct 18, 2013
RX210 Group
1. Overview
Communication
functions
Serial communications
interfaces (SCIc, SCId)
 13 channels (channel 0 to 11: SCIc, channel 12: SCId)
 Serial communications modes:
Asynchronous, clock synchronous, and smart-card interface
 On-chip baud rate generator allows selection of the desired bit rate
 Choice of LSB-first or MSB-first transfer
 Average transfer rate clock can be input from TMR timers (SCI5, SCI6, and SCI12)
 Simple IIC
 Simple SPI
 Master/slave mode supported (SCId only)
 Start frame and information frame are included (SCId only)
I2C bus interface (RIIC)
 1 channel
 Communications formats:
I2C bus format/SMBus format
 Master/slave selectable
 Supports the fast mode
Serial peripheral
interface (RSPI)
 1 channel
 Transfer facility
Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select), and RSPI
clock (RSPCK) signals enables serial transfer through SPI operation (four lines) or clock-
synchronous operation (three lines)
 Capable of handling serial transfer as a master or slave
 Data formats
 Choice of LSB-first or MSB-first transfer
The number of bits in each transfer can be changed to any number of bits from 8 to 16, 20, 24, or 32
bits.
128-bit buffers for transmission and reception
Up to four frames can be transmitted or received in a single transfer operation (with each frame
having up to 32 bits)
 Double buffers for both transmission and reception
12-bit A/D converter (S12ADb)
 12 bits (16 channels  1 unit)
 12-bit resolution
 Minimum conversion time: 1.0 s per channel (in operation with ADCLK at 50 MHz)
 Operating modes
Scan mode (single scan mode, continuous scan mode, and group scan mode)
 Sample-and-hold function
 Self-diagnosis for the A/D converter
 Assistance in detecting disconnected analog inputs
 Double-trigger mode (duplication of A/D conversion data)
 A/D conversion start conditions
A software trigger, a trigger from a timer (MTU), an external trigger signal, or ELC
Temperature sensor (TEMPSa)
 Outputs the voltage that changes depending on the temperature
 PGA gain switchable: Four levels according to the voltage range
D/A converter (DA)
 2 channels
 10-bit resolution
 Output voltage: 0 V to VREFH
CRC calculator (CRC)
 CRC code generation for arbitrary amounts of data in 8-bit units
 Select any of three generating polynomials:
X8 + X2 + X + 1, X16 + X15 + X2 + 1, or X16 + X12 + X5 + 1
 Generation of CRC codes for use with LSB-first or MSB-first communications is selectable.
Comparator A (CMPA)
 2 channels
 Comparison of reference voltage and analog input voltage
Comparator B (CMPB)
 2 channels
 Comparison of reference voltage and analog input voltage
Data Operation Circuit (DOC)
Comparison, addition, and subtraction of 16-bit data
Power supply voltage/Operating frequency
VCC = 1.62 to 1.8 V: 20 MHz, VCC = 1.8 to 2.7 V: 32 MHz, VCC = 2.7 to 5.5 V: 50 MHz
Operating temperature
D version:
40 to +85C, G version: 40 to +105C*2
Table 1.1
Outline of Specifications (4 / 5)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com