công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404816FS bảng dữ liệu(PDF) 33 Page - Renesas Technology Corp

tên linh kiện HD404816FS
Giải thích chi tiết về linh kiện  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404816FS bảng dữ liệu(HTML) 33 Page - Renesas Technology Corp

Back Button HD404816FS Datasheet HTML 29Page - Renesas Technology Corp HD404816FS Datasheet HTML 30Page - Renesas Technology Corp HD404816FS Datasheet HTML 31Page - Renesas Technology Corp HD404816FS Datasheet HTML 32Page - Renesas Technology Corp HD404816FS Datasheet HTML 33Page - Renesas Technology Corp HD404816FS Datasheet HTML 34Page - Renesas Technology Corp HD404816FS Datasheet HTML 35Page - Renesas Technology Corp HD404816FS Datasheet HTML 36Page - Renesas Technology Corp HD404816FS Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
HD404818 Series
31
Active mode
Watch mode
Active mode
Oscillation
stabilization period
Interrupt strobe
INT0
Interrupt request
generation
(During the transition
from watch mode to
active mode only)
T
T
tRC
TX
T:
tRC:
Interrupt frame length
Oscillation stabilization period
Figure 12 Interrupt Frame
Subactive Mode: The CPU operates with a clock generated by the X1 and X2 oscillation circuits.
Functions that can operate in subactive mode are listed in table 16. When the STOP or SBY instruction is
executed in subactive mode, the MCU enters either watch or active mode, depending on the statuses of
LSON and DTON. The DTON flag can only be set in subactive mode; it is automatically reset after a
transition to active mode.
Subactive mode is an optional function that the user must specify on the function option list.
Interrupt Frame: In watch and subactive modes, ø
CLK is supplied for timer A and the INT0 circuit.
Prescaler W and timer A operate as time bases to generate interrupt frame timing. Three interrupt frame
cycles (T) can be selected by the settings of the miscellaneous register, as shown in figure 13.
In watch and subactive modes, timer A and
INT
0 interrupts are generated in synchronism with the interrupt
frame. An interrupt request is generated at an interrupt strobe, except when the MCU enters active mode
from watch mode. The
INT
0 falling edge is acknowledged regardless of the interrupt frame, but an interrupt
is executed simultaneously with the second interrupt strobe. Timer A generates an overflow and interrupt
request at an interrupt strobe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com