| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404816FS bảng dữ liệu(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404816FS bảng dữ liệu(HTML) 39 Page - Renesas Technology Corp |
|
39 / 100 page ![]() HD404818 Series 37 Internal Oscillator Circuit Figure 20 shows the block diagram of the internal oscillator circuit. A ceramic oscillator can be connected to OSC 1 and OSC2. A 32.768-kHz crystal oscillator can be connected to X1 and X2. External clock operation is available for the system oscillator. f OSC X2 X1 Subsystem oscillator 1/4 divider circuit 1/8 divider circuit Mode control circuit Timing generator circuit OSC f X cyc f SUB f Timing generator circuit System clock (øCPU) System clock (øPER) Timer-base clock (øCLK) OSC System oscillator 1 2 Figure 20 Internal Oscillator Circuit D0 RESET OSC2 OSC1 VCC NUMG COMP 1/D13 TEST X1 X2 GND SCK/R00 GND Figure 21 Layout of Crystal and Ceramic Oscillators |