công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MWCT1104AFVLHPR bảng dữ liệu(PDF) 12 Page - NXP Semiconductors

tên linh kiện MWCT1104AFVLHPR
Giải thích chi tiết về linh kiện  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT1104AFVLHPR bảng dữ liệu(HTML) 12 Page - NXP Semiconductors

Back Button MWCT1104AFVLHPR Datasheet HTML 8Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 9Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 10Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 11Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 12Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 13Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 14Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 15Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
Table 4. Supplies decoupling capacitors 1, 2 (continued)
Symbol
Description
Min. 3
Typ.
Max.
Unit
CDEC5, 6, 7
Recommended decoupling capacitance
70
100
—
nF
1. VDD and VDDA must be shorted to a common source on PCB. The differential voltage between VDD and VDDA is for RF-AC
only. Appropriate decoupling capacitors to be used to filter noise on the supplies. See application note AN5032 for
reference supply design for SAR ADC. All VSS pins should be connected to common ground at the PCB level.
2. All decoupling capacitors must be low ESR ceramic capacitors (for example X7R type).
3. Minimum recommendation is after considering component aging and tolerance.
4. For improved performance, it is recommended to use 10 μF, 0.1 μF and 1 nF capacitors in parallel.
5. All decoupling capacitors should be placed as close as possible to the corresponding supply and ground pins.
6. Contact your local Field Applications Engineer for details on best analog routing practices.
7. The filtering used for decoupling the device supplies must comply with the following best practices rules:
• The protection/decoupling capacitors must be on the path of the trace connected to that component.
• No trace exceeding 1 mm from the protection to the trace or to the ground.
• The protection/decoupling capacitors must be as close as possible to the input pin of the device (maximum 2 mm).
• The ground of the protection is connected as short as possible to the ground plane under the integrated circuit.
PMC
VFlash = 3.3 V nominal
VCORE = 1.2 V/1.4 V nominal
System RAM
TCD RAM
I/D Cache
EEE RAM
LV SOG
FIRC
SIRC
SPLL
SOSC
GPIO
Flash
Pads
ADC
CMP
*Note: VSSA and VSS are shorted at package level
VOSC = 3.3 V nominal
Figure 5. Power diagram
General
MWCT101XS Data Sheet, Rev. 3, 12/2019
12
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com