công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MWCT1104AFVLHPR bảng dữ liệu(PDF) 31 Page - NXP Semiconductors

tên linh kiện MWCT1104AFVLHPR
Giải thích chi tiết về linh kiện  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT1104AFVLHPR bảng dữ liệu(HTML) 31 Page - NXP Semiconductors

Back Button MWCT1104AFVLHPR Datasheet HTML 27Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 28Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 29Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 30Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 31Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 32Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 33Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 34Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
5. FlexMemory write endurance specified for 16-bit and/or 32-bit writes to FlexRAM and is supported across product
temperature specification in Normal Mode (not supported in HSRUN mode). Greater write endurance may be achieved
with larger ratios of EEPROM backup to FlexRAM.
6. For usage of any EEE driver other than the FlexMemory feature, the endurance spec will fall back to the specified
endurance value of the D-Flash specification (1K).
7. FlexMemory calculator tool is available at NXP web site for help in estimation of the maximum write endurance achievable
at specific EEPROM/FlexRAM ratios. The “In Spec” portions of the online calculator refer to the NVM reliability
specifications section of data sheet. This calculator is only applies to the FlexMemory feature.
6.3.2 QuadSPI AC specifications
The following table describes the QuadSPI electrical characteristics.
• Measurements are with maximum output load of 25 pF, input transition of 1 ns and
pad configured with fastest slew settings (DSE = 1'b1).
• I/O operating voltage ranges from 2.97 V to 3.6 V
• While doing the mode transition (RUN -> HSRUN or HSRUN -> RUN ), the
interface should be OFF.
• Add 50 ohm series termination on board in QuadSPI SCK for Flash A to avoid loop
back reflection when using in Internal DQS (PAD Loopback) mode.
• QuadSPI trace length should be 3 inches.
• For non-Quad mode of operation if external device doesn’t have pull-up feature,
external pull-up needs to be added at board level for non-used pads.
• With external pull-up, performance of the interface may degrade based on load
associated with external pull-up.
Memory and memory interfaces
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com