công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MWCT1104AFVLHPR bảng dữ liệu(PDF) 62 Page - NXP Semiconductors

tên linh kiện MWCT1104AFVLHPR
Giải thích chi tiết về linh kiện  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT1104AFVLHPR bảng dữ liệu(HTML) 62 Page - NXP Semiconductors

Back Button MWCT1104AFVLHPR Datasheet HTML 57Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 58Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 59Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 60Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 61Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 62Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 63Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 64Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 65Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
Table 35. Revision History (continued)
Rev. No.
Date
Substantial Changes
• Updated specifications for gmXOSC.
• Removed IDDOSC
• In "Fast internal RC Oscillator (FIRC) electrical specifications"
section,
• Added parameter
ΔF125.
• Removed IDDFIRC
• In "Slow internal RC oscillator (SIRC) electrical specifications"
section,
• Added parameter
ΔF125.
• Removed IDDSIRC
• In "Low Power Oscillator (LPO) electrical specifications" section,
removed ILPO
• Updated section: "Flash memory module (FTFC) electrical
specifications"
• In section: "12-bit ADC electrical characteristics",
• Updated TBDs in Table 25.
• Updated TBDs in Table 26.
• In section: QuadSPI AC specifications, updated figure 'QuadSPI
output timing (HyperRAM mode) diagram'.
• In section: "ADC electrical specifications", updated Table 24.
• In section: "CMP with 8-bit DAC electrical specifications", added
note 'For comparator IN signals adjacent ... '
• In table: "LPSPI electrical specifications", minor update in footnote 6.
• In table: Table 33, updated specifications for MWCT1015S.
Rev. 2
July 2018
• Global update: removed Ethernet and SAI
• Updated the attachment MWCT101xS_Power_Modes
_Configuration.xlsx
• In 'Key features':
• Added a note under 'Power management', 'Memory and
memory interfaces', and 'Safety and security'
• Updated FlexIO under Communications interfaces
• Updated Cryptographic Services Engine (CSEc) under 'Safety
and security'
• Updated package information
• In High-level architecture diagram for the MWCT101xS family,
added footnote 3
• In "Feature comparison" section, updated the "MWCT101xS product
series comparison" figure:
• Updated the "System RAM" row
• Added support for LIN protocol version 2.2 A
• Updated the Ecosystem information
• Updated the Package information
• Updated the Legend notes
• Updated Ordering information
• In Absolute maximum ratings :
• Updated the NOTE section
• Added parameter 'Tramp_MCU'
• Updated footnote for 'Tramp'
• Updated Voltage and current operating requirements
• In Power and ground pins
• Removed the 144-pin LQFP package
• Updated footnote 'VDD and VDDA must be shorted ...'
• Updated the "Power diagram" figure
• In Power mode transition operating behaviors updated numbers for:
• VLPR → VLPS
Table continues on the next page...
Revision History
MWCT101XS Data Sheet, Rev. 3, 12/2019
62
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com