công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MWCT1104AFVLHPR bảng dữ liệu(PDF) 30 Page - NXP Semiconductors

tên linh kiện MWCT1104AFVLHPR
Giải thích chi tiết về linh kiện  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT1104AFVLHPR bảng dữ liệu(HTML) 30 Page - NXP Semiconductors

Back Button MWCT1104AFVLHPR Datasheet HTML 26Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 27Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 28Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 29Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 30Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 31Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 32Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 33Page - NXP Semiconductors MWCT1104AFVLHPR Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
Table 21. Flash command timing specifications (continued)
Symbol
Description1
MWCT1014S
MWCT1015S
MWCT1016S
Typ
Max
Typ
Max
Typ
Max
Unit
Notes
complete, ready for
next 32-bit write)
Last (Nth) 32-
bit write (time
for write only,
not cleanup)
200
550
200
550
200
550
tquickwrClnup
Quick Write
Cleanup execution
time
—
—
(# of
Quick
Writes ) *
2.0
—
(# of
Quick
Writes )
* 2.0
—
(# of
Quick
Writes )
* 2.0
ms
7
1. All command times assumes 25 MHz or greater flash clock frequency (for synchronization time between internal/external
clocks).
2. Maximum times for erase parameters based on expectations at cycling end-of-life.
3. For all EEPROM Emulation terms, the specified timing shown assumes previous record cleanup has occurred. This may
be verified by executing FCCOB Command 0x77, and checking FCCOB number 5 contents show 0x00 - No EEPROM
issues detected.
4. 1st time EERAM writes after a Reset or SETRAM may incur additional overhead for EEE cleanup, resulting in up to 2× the
times shown.
5. Only after the Nth write completes will any data be valid. Emulated EEPROM record scheme cleanup overhead may occur
after this point even after a brownout or reset. If power on reset occurs before the Nth write completes, the last valid record
set will still be valid and the new records will be discarded.
6. Quick Write times may take up to 550 µs, as additional cleanup may occur when crossing sector boundaries.
7. Time for emulated EEPROM record scheme overhead cleanup. Automatically done after last (Nth) write completes,
assuming still powered. Or via SETRAM cleanup execution command is requested at a later point.
NOTE
Under certain circumstances FlexMEM maximum times may be
exceeded. In this case the user or application may wait, or assert
reset to the FTFC macro to stop the operation.
6.3.1.2 Reliability specifications
Table 22. NVM reliability specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
When using as Program and Data Flash
tnvmretp1k Data retention after up to 1 K cycles
20
—
—
years
1
nnvmcycp
Cycling endurance
1 K
—
—
cycles
2, 3
When using FlexMemory feature: FlexRAM as Emulated EEPROM
tnvmretee
Data retention
5
—
—
years
4
nnvmwree16
nnvmwree256
Write endurance
• EEPROM backup to FlexRAM ratio = 16
• EEPROM backup to FlexRAM ratio = 256
100 K
1.6 M
—
—
—
—
writes
writes
5, 6, 7
1. Data retention period per block begins upon initial user factory programming or after each subsequent erase.
2. Program and Erase for PFlash and DFlash are supported across product temperature specification in Normal Mode (not
supported in HSRUN mode).
3. Cycling endurance is per DFlash or PFlash Sector.
4. Data retention period per block begins upon initial user factory programming or after each subsequent erase. Background
maintenance operations during normal FlexRAM usage extend effective data retention life beyond 5 years.
Memory and memory interfaces
MWCT101XS Data Sheet, Rev. 3, 12/2019
30
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com