công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8536AT bảng dữ liệu(PDF) 53 Page - NXP Semiconductors

tên linh kiện PCF8536AT
Giải thích chi tiết về linh kiện  Automotive 80 횞 4 LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT bảng dữ liệu(HTML) 53 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 46Page - NXP Semiconductors PCF8536AT Datasheet HTML 47Page - NXP Semiconductors PCF8536AT Datasheet HTML 48Page - NXP Semiconductors PCF8536AT Datasheet HTML 49Page - NXP Semiconductors PCF8536AT Datasheet HTML 50Page - NXP Semiconductors PCF8536AT Datasheet HTML 51Page - NXP Semiconductors PCF8536AT Datasheet HTML 52Page - NXP Semiconductors PCF8536AT Datasheet HTML 53Page - NXP Semiconductors PCF8536AT Datasheet HTML 54Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
PCA85233
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 5 — 12 November 2018
53 of 54
NXP Semiconductors
PCA85233
Automotive 80 × 4 LCD driver for low multiplex rates
26. Figures
Fig 1.
Rear side laser marking . . . . . . . . . . . . . . . . . . . . .2
Fig 2.
Block diagram of PCA85233 . . . . . . . . . . . . . . . . .3
Fig 3.
Pin configuration for PCA85233 . . . . . . . . . . . . . .4
Fig 4.
Display RAM bitmap . . . . . . . . . . . . . . . . . . . . . . .9
Fig 5.
Relationships between LCD layout, drive mode,
display RAM filling order, and display data
transmitted over the I2C-bus . . . . . . . . . . . . . . . .10
Fig 6.
Example of displays suitable for PCA85233 . . . .14
Fig 7.
Typical system configuration . . . . . . . . . . . . . . . .15
Fig 8.
Electro-optical characteristic: relative
transmission curve of the liquid . . . . . . . . . . . . . .17
Fig 9.
Static drive mode waveforms . . . . . . . . . . . . . . . .18
Fig 10. Waveforms for the 1:2 multiplex drive mode
with 1⁄2 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .19
Fig 11. Waveforms for the 1:2 multiplex drive mode
with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
Fig 12. Waveforms for the 1:3 multiplex drive mode
with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
Fig 13. Waveforms for the 1:4 multiplex drive mode
with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
Fig 14. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Fig 15. Definition of START and STOP conditions. . . . . .25
Fig 16. System configuration . . . . . . . . . . . . . . . . . . . . . .25
Fig 17. Acknowledgement on the I2C-bus . . . . . . . . . . . .26
Fig 18. I2C-bus protocol . . . . . . . . . . . . . . . . . . . . . . . . . .27
Fig 19. Control byte format . . . . . . . . . . . . . . . . . . . . . . .27
Fig 20. Device protection diagram . . . . . . . . . . . . . . . . . .28
Fig 21. Current consumption with respect to external
clock frequency . . . . . . . . . . . . . . . . . . . . . . . . . .32
Fig 22. Frame frequency with respect to temperature . . .34
Fig 23. Driver timing waveforms . . . . . . . . . . . . . . . . . . .35
Fig 24. I2C-bus timing waveforms . . . . . . . . . . . . . . . . . .35
Fig 25. Cascaded PCA85233 configuration. . . . . . . . . . .36
Fig 26. Synchronization of the cascade for the various
PCA85233 drive modes . . . . . . . . . . . . . . . . . . . .37
Fig 27. Bare die outline of PCA85233UG . . . . . . . . . . . .39
Fig 28. Alignment marks of PCA85233 . . . . . . . . . . . . . .43
Fig 29. Tray details of PCA85233UG. . . . . . . . . . . . . . . .44
Fig 30. Die alignment in the tray . . . . . . . . . . . . . . . . . . .45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54