| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8536AT bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 54 page ![]() PCA85233 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. Product data sheet Rev. 5 — 12 November 2018 5 of 54 NXP Semiconductors PCA85233 Automotive 80 × 4 LCD driver for low multiplex rates 7. Functional description 7.1 Commands of PCA85233 The command decoder identifies command bytes that arrive on the I2C-bus. The commands available to the PCA85233 are defined in Table 5. [1] The possibility to disable the display allows implementation of blinking under external control. [2] The display is disabled by setting all backplane and segment outputs to VLCD. [3] Not applicable for static drive mode. Table 5. Definition of commands Command Operation code Reference Bit 7 6 5 4 3 2 1 0 mode-set 1 1 0 0 E B M[1:0] Table 6 load-data-pointer 0 P[6:0] Table 7 device-select 1 1 1 0 0 0 A[1:0] Table 8 bank-select 1 1 1 1 1 0 I O Table 9 blink-select 1 1 1 1 0 AB BF[1:0] Table 10 Table 6. Mode-set command bit description Bit Symbol Value Description 7 to 4 - 1100 fixed value 3E display status[1] 0 disabled (blank)[2] 1 enabled 2B LCD bias configuration[3] 0 1⁄3 bias 1 1⁄2 bias 1 to 0 M[1:0] LCD drive mode selection 01 static; 1 backplane 10 1:2 multiplex; 2 backplanes 11 1:3 multiplex; 3 backplanes 00 1:4 multiplex; 4 backplanes Table 7. Load-data-pointer command bit description See Section 7.3.1. Bit Symbol Value Description 7 - 0 fixed value 6 to 0 P[6:0] 0000000 to 1001111 data pointer 7-bit binary value of 0 to 79, transferred to the data pointer to define one of 80 display RAM addresses |