công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K112MHTXMLLTR bảng dữ liệu(PDF) 47 Page - NXP Semiconductors

tên linh kiện FS32K112MHTXMLLTR
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112MHTXMLLTR bảng dữ liệu(HTML) 47 Page - NXP Semiconductors

Back Button FS32K112MHTXMLLTR Datasheet HTML 43Page - NXP Semiconductors FS32K112MHTXMLLTR Datasheet HTML 44Page - NXP Semiconductors FS32K112MHTXMLLTR Datasheet HTML 45Page - NXP Semiconductors FS32K112MHTXMLLTR Datasheet HTML 46Page - NXP Semiconductors FS32K112MHTXMLLTR Datasheet HTML 47Page - NXP Semiconductors FS32K112MHTXMLLTR Datasheet HTML 48Page - NXP Semiconductors FS32K112MHTXMLLTR Datasheet HTML 49Page - NXP Semiconductors FS32K112MHTXMLLTR Datasheet HTML 50Page - NXP Semiconductors FS32K112MHTXMLLTR Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
Table 37. Flash command timing specifications for S32K11x series
Symbol
Description1
S32K116
S32K118
Typ
Max
Typ
Max
Unit
Notes
trd1blk
Read 1 Block execution
time
32 KB flash
0.36
0.36
ms
64 KB flash
128 KB flash
1.2
256 KB flash
2
512 KB flash
trd1sec
Read 1 Section
execution time
2 KB flash
75
75
µs
4 KB flash
100
100
tpgmchk
Program Check
execution time
100
100
µs
tpgm8
Program Phrase
execution time
90
225
90
225
µs
tersblk
Erase Flash Block
execution time
32 KB flash
15
300
15
300
ms
2
64 KB flash
128 KB flash
120
1100
256 KB flash
250
2125
512 KB flash
tersscr
Erase Flash Sector
execution time
12
130
12
130
ms
2
tpgmsec1k
Program Section
execution time (1 KB
flash)
5
5
ms
trd1all
Read 1s All Block
execution time
1.7
2.8
ms
trdonce
Read Once execution
time
30
30
µs
tpgmonce
Program Once execution
time
90
90
µs
tersall
Erase All Blocks
execution time
150
1500
230
2500
ms
2
tvfykey
Verify Backdoor Access
Key execution time
35
35
µs
tersallu
Erase All Blocks
Unsecure execution time
150
1500
230
2500
ms
2
tpgmpart
Program Partition for
EEPROM execution time
32 KB EEPROM
backup
71
71
ms
3
64 KB EEPROM
backup
tsetram
Set FlexRAM Function
execution time
Control Code
0xFF
0.08
0.08
ms
3
32 KB EEPROM
backup
0.8
1.2
0.8
1.2
Table continues on the next page...
Memory and memory interfaces
S32K1xx Data Sheet, Rev. 12, 02/2020
NXP Semiconductors
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com